Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1559 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM1559
Description  The STEVAL-IHM041V1 is a Triac based phase angle control for universal motor speed
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1559 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM1559 Datasheet HTML 5Page - STMicroelectronics UM1559 Datasheet HTML 6Page - STMicroelectronics UM1559 Datasheet HTML 7Page - STMicroelectronics UM1559 Datasheet HTML 8Page - STMicroelectronics UM1559 Datasheet HTML 9Page - STMicroelectronics UM1559 Datasheet HTML 10Page - STMicroelectronics UM1559 Datasheet HTML 11Page - STMicroelectronics UM1559 Datasheet HTML 12Page - STMicroelectronics UM1559 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
UM1559
Circuit description
Doc ID 023542 Rev 1
9/13
example control software provides a series of “picket fence” pulses to the gate, to improve
the reliability of the gating, always finishing with the pins back high, ready for the next gating.
Current sensing
Shunt resistor R7 is used to sense the motor current during the Triac conduction angle.
Using a value of 0.01
Ω generates a signal that is 10 mV/A. This signal is amplified by U1 to
get a signal of 220 mV/A that is fed into an ADC input of the STM8. With a 5 V full scale
value on the ACD, the circuit can read peak currents up to 22.7 A.
Although the current through R7 is both positive and negative, the inverting configuration
circuit amplifies only the negative current since the amplifier output cannot go below ground.
An alternate configuration would be to add a bias to the amplifier circuit so that at zero
current the output would be half of the full scale voltage, or 2.5 V. In this way both positive
and negative current may be measured but the peak current capability would be reduced by
½ if the gain stayed the same.
The current sensing is included primarily for a sensorless speed control algorithm. The
algorithm senses current during the negative half cycle and performs the speed regulation
calculations during the positive half cycle.
The current sensing is not needed for the open loop or closed loop speed control with
tachometer feedback.
Motor voltage sensing
Figure 4.
Voltage sensing circuit
The measured motor voltage is also required for a sensorless speed estimation algorithm of
the software. Since neither side of the motor terminal voltage is at ground potential, a
conventional differential amplifier stage, built around U1A, is used to interface the signal to
the ground referenced STM8 ADC input, as shown in Figure 4. The differential amplifier also
provides attenuation, biasing and resistive isolation. The gain of this circuit is 1 k
Ω/78 kΩ.
Since the circuit is biased at 2.5 V out for 0 V in, the input voltage range is +/- 195 V peak
over the full scale range of 0 to 5 V on the ADC input.
Two 1206 case resistors are used in series for the input resistors to provide sufficient voltage
rating. For operation on 230 V/50 Hz mains, the values of input resistors R2, R3, R5 and R6
are changed to 82 k
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com