Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1559 Datasheet(PDF) 4 Page - STMicroelectronics

Part # UM1559
Description  The STEVAL-IHM041V1 is a Triac based phase angle control for universal motor speed
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1559 Datasheet(HTML) 4 Page - STMicroelectronics

  UM1559 Datasheet HTML 1Page - STMicroelectronics UM1559 Datasheet HTML 2Page - STMicroelectronics UM1559 Datasheet HTML 3Page - STMicroelectronics UM1559 Datasheet HTML 4Page - STMicroelectronics UM1559 Datasheet HTML 5Page - STMicroelectronics UM1559 Datasheet HTML 6Page - STMicroelectronics UM1559 Datasheet HTML 7Page - STMicroelectronics UM1559 Datasheet HTML 8Page - STMicroelectronics UM1559 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Main features
UM1559
4/13
Doc ID 023542 Rev 1
1
Main features
●
Input voltage 120 V/60 Hz
–
230 V/50 Hz (with component change)
●
Motor current 7A RMS
●
Phase control for universal motor drive
●
Open loop or closed loop speed regulation
●
Voltage and current sensing, for sensorless operation (optional)
●
Debug outputs
●
AC tach, hall sensor or opto sensor for speed feedback.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com