Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1559 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM1559
Description  The STEVAL-IHM041V1 is a Triac based phase angle control for universal motor speed
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1559 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM1559 Datasheet HTML 5Page - STMicroelectronics UM1559 Datasheet HTML 6Page - STMicroelectronics UM1559 Datasheet HTML 7Page - STMicroelectronics UM1559 Datasheet HTML 8Page - STMicroelectronics UM1559 Datasheet HTML 9Page - STMicroelectronics UM1559 Datasheet HTML 10Page - STMicroelectronics UM1559 Datasheet HTML 11Page - STMicroelectronics UM1559 Datasheet HTML 12Page - STMicroelectronics UM1559 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Circuit description
UM1559
10/13
Doc ID 023542 Rev 1
The voltage sensing is not needed for the open loop or closed loop speed control with
tachometer feedback.
Potentiometer
PCB mounted potentiometer R8 is connected between 5 V and ground with the wiper
providing an input signal to STM8 ADC input Ain4. This can be used as a general analog
input signal. In the example software, this signal is used as either a closed loop speed
command or an open loop gating phase angle command.
Tachometer interface circuit
For closed loop speed control, a tachometer signal can be connected to connector J3. The
circuit supports a pure magnet pickup coil type, a hall sensor type pulse tachometer or an
opto interrupter or reflector type of pick-up.
Figure 5.
Tachometer interface
For active devices like a hall sensor or opto pick-up, the 5 V power supply and ground is
available on pins 1 (GND) and 4 (5v) and the device output should be connected to pin 3. A
pull-up resistor, R28, is provided for open collector devices, but totem pole outputs can be
accommodated as well.
For AC pick-up coil type devices, the output wires should be connected at pins 2 and 3. The
differential signal is biased to approximately 1/2 of the supply voltage and diodes D2 and D3
clamp the signals to safe levels for the comparator inputs. A small hysteresis in the
comparator should still provide sufficient sensitivity for low speed operation. The sensitivity
can be improved by removing the pull-up resistor R28, which is not actually needed for the
AC tach.
The example software requires a setting of the number of pulses (rising and falling edges)
per rotation to scale the speed calculation.
User and debug interface
Connector J1 is the standard 4-pin SWIM connector for programming and debug
connections.
Up to three pushbuttons can be installed to provide simple command inputs. The standard
board configuration populates only PB1, which is used by the example software as a
start/stop command. The other two pushbuttons may be installed and used by user



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com