Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2528 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2528
Description  Very wide input voltage range 6 W SMPS for metering
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2528 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2528 Datasheet HTML 3Page - STMicroelectronics AN2528 Datasheet HTML 4Page - STMicroelectronics AN2528 Datasheet HTML 5Page - STMicroelectronics AN2528 Datasheet HTML 6Page - STMicroelectronics AN2528 Datasheet HTML 7Page - STMicroelectronics AN2528 Datasheet HTML 8Page - STMicroelectronics AN2528 Datasheet HTML 9Page - STMicroelectronics AN2528 Datasheet HTML 10Page - STMicroelectronics AN2528 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
AN2528
Flyback stage design
7/21
Equation 7
Hence
Equation 8
From here we can now calculate the peak current on primary.
Equation 9
To keep the transformer size very small and to get a very effective cost solution, we prefer to
slightly increase the minimum working frequency in order to decrease the primary
inductance.
In order to have a 15 mH inductance and to keep an EF20 core, a lot of turns are needed on
the primary side. This can generate either not enough space on the EF20 core to
accomodate such a high number of windings or the remaining space is not large enough to
ensure good design. These considerations might induce designing a smaller primary
inductance value accepting a higher switching frequency.
There is no contraindication in using a smaller primary inductance which leads to a higher
minimum switching frequency and theoretically also to a higher maximum frequency.
However the maximum switching frequency is then limited not only by the inductance value,
but also by the L6565 PWM driver. When using an L6565, the internal blanking time limits
the minimum off-time and, in turn, the maximum switching frequency. To better understand
this phenomenon, please refer to the L6565 datasheet and to the next paragraphs.
After bench tests and fine tuning we used a transformer with the following specs:
Equation 10
Equation 11
The part number of the transformer is CSM 2010-104 from Cramer.
In the next Section 3, we see from bench verification that the real minimum working
frequency is 50 kHz even if the inductance is 7.5 mH but with a peak current of about
250 mA.
P
IN
1.25
P
OUT
1
2
---
L
P
I
2
P
T
s
------------------------------
=
1
2
---
V
2
dcmin
T
2
onmax
L
P
T
S
-----------------------------------------------------------
=
=
L
P
V
2
dcmin
T
2
onmax
2.5
T
S
P
OUT
-------------------------------------------------
14.7mH
=
=
I
P
V
dcmin
T
onmax
L
P
-------------------------------------------
143mA
=
L
P
7.5mH
=
N
p
N
s
-------
23.8
=
N
p
N
aux
------------
18.87
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com