Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2528 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2528
Description  Very wide input voltage range 6 W SMPS for metering
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2528 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2528 Datasheet HTML 1Page - STMicroelectronics AN2528 Datasheet HTML 2Page - STMicroelectronics AN2528 Datasheet HTML 3Page - STMicroelectronics AN2528 Datasheet HTML 4Page - STMicroelectronics AN2528 Datasheet HTML 5Page - STMicroelectronics AN2528 Datasheet HTML 6Page - STMicroelectronics AN2528 Datasheet HTML 7Page - STMicroelectronics AN2528 Datasheet HTML 8Page - STMicroelectronics AN2528 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Design specifications and schematic diagram
AN2528
4/21
1
Design specifications and schematic diagram
The table below lists the converter specification data and the main parameters fixed for the
demo board.
A schematic diagram of the SMPS is given in Figure 2. The most relevant components are:
1.
HV ESBT main switch and simple driving circuit
2.
L6565 QR PWM driver to get the best efficiency
3.
Special transformer construction with very low parasitic capacitance
Table 1.
Converter specification and preliminary choices
Symbol
Description
Values
Vinmin
Rectified minimum input voltage
150
Vin
Rectified maximum input voltage
850
Vout
Output voltage
14 V/430 mA
Pout
Maximum output power
6 W
η
Converter efficiency @ max load
> 80%
F
Minimum switching frequency
30 kHz
Vfl
Reflected flyback voltage
250 V
Vspike
Max over voltage limited by clamping circuit
150 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com