Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2528 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2528
Description  Very wide input voltage range 6 W SMPS for metering
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2528 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2528 Datasheet HTML 6Page - STMicroelectronics AN2528 Datasheet HTML 7Page - STMicroelectronics AN2528 Datasheet HTML 8Page - STMicroelectronics AN2528 Datasheet HTML 9Page - STMicroelectronics AN2528 Datasheet HTML 10Page - STMicroelectronics AN2528 Datasheet HTML 11Page - STMicroelectronics AN2528 Datasheet HTML 12Page - STMicroelectronics AN2528 Datasheet HTML 13Page - STMicroelectronics AN2528 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Base drive circuit design
AN2528
10/21
Figure 5.
DC current gain
Figure 6.
Dynamic collector-source saturation voltage
To maximize performances, a base capacitor CB has been inserted.
Note that, using the driving network shown in Figure 4, a quasi total recovery of energy to
drive the base is achieved. During the storage time the collector current comes out from the
base and is stored in the base capacitor. If the capacitor is small enough, the voltage across
it reaches the Vcc and after that the current flows to the Vcc capacitor.
To set the time duration of the base current spike, the following approximate formula is
useful:
Equation 12
Since RB=10 Ω (see below), if the peak has to be about 300 ns
Equation 13
The aim of RB is to dampen the ringing on the base current at the end of its peak. It is
chosen as a compromise between a damping effect and additional power dissipation on it.
t
peak
3R
B
C
B
=
C
B
t
peak
3R
B
-----------------
10nF
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com