Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4146 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4146
Description  STSmartVoice demonstration board STEVAL-MKI126Vx
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4146 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4146 Datasheet HTML 9Page - STMicroelectronics AN4146 Datasheet HTML 10Page - STMicroelectronics AN4146 Datasheet HTML 11Page - STMicroelectronics AN4146 Datasheet HTML 12Page - STMicroelectronics AN4146 Datasheet HTML 13Page - STMicroelectronics AN4146 Datasheet HTML 14Page - STMicroelectronics AN4146 Datasheet HTML 15Page - STMicroelectronics AN4146 Datasheet HTML 16Page - STMicroelectronics AN4146 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
DocID023502 Rev 2
13/30
AN4146
Demonstration board and accessories
Figure 10. Microphones and I/O interfaces - block diagram subsection
The inputs of the PDM interface depend on the group of selectors S12, S13, S14, S15, S16
and S17 called Data Level SEL (respectively the couples R64-R65, R70-R71, R66-R67,
R72-R73, R68-R69 and R74-R75). These selectors are set if the PDM inputs come from the
microphones or from the level shifter.
The level shifter (enabled through the level shifter EN) is used when the microphones
supply voltage is set to 1.8 V. Under this condition the sensors are a 1.8 V section while the
decoder is still a 3.3 V section. In order to match these two board portions, a level shifter is
needed to increase the PDM data output level before providing it to the processor.
In a default configuration the PDM inputs are directly connected to the microphones data, in
other words R65, R67, R69, R71, R73 and R75 are soldered.
Microphones 1 and 2 are always connected since they are soldered on the board(a), the
other four inputs depend on the connection of the microphone adapter boards. If the user
wants to use the external microphone array, the microphone adapter boards must be
unplugged and then the user must connect the array to the array connector with the
dedicated cable. When the array is plugged in, pin 2 of the array connector is forced to
STA321MPL
I2S
(3x)
PDM Interface
L/R
Clk
Vdd
Out
gnd
S4
L/R
Clk
Vdd
Out
gnd
S5
L/R
Clk
Vdd
Out
gnd
S6
L/R
Clk
Vdd
Out
gnd
S7
L/R
Clk
Vdd
Out
gnd
S8
L/R
Clk
Vdd
Out
gnd
S9
S13
S14
S15
S16
S12
S17
Level shifter
Low
1.8V
3.3V
3.3V
LRCK
BICK
SDO12
SDO34
SDO56
PWM
OpAmp
HP Jack
MIC1
MIC2
MIC3
MIC4
MIC5
MIC6
High
3.3V
J4
J3
SW1
SW2
Array connector
3.3V
3.3V
APWlink
connector
I 2S
connector
3.3V
a. Regarding MIC1 and MIC2, the board can host every type of ST digital microphone since it supports all the
footprints



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com