Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4146 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4146
Description  STSmartVoice demonstration board STEVAL-MKI126Vx
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4146 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4146 Datasheet HTML 18Page - STMicroelectronics AN4146 Datasheet HTML 19Page - STMicroelectronics AN4146 Datasheet HTML 20Page - STMicroelectronics AN4146 Datasheet HTML 21Page - STMicroelectronics AN4146 Datasheet HTML 22Page - STMicroelectronics AN4146 Datasheet HTML 23Page - STMicroelectronics AN4146 Datasheet HTML 24Page - STMicroelectronics AN4146 Datasheet HTML 25Page - STMicroelectronics AN4146 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Appendix A
STEVAL-MKI126Vx schematics, layout and BOM
Figure 19. STEVAL-MKI126Vx schematic - page 1
HEADPHONE O/P
1
2
R3
3.3K
C13
1nF
C14
100pF
1
2
3
4
Y1
XT_ACTIVE
CSX750FBC11.2896MTR
1
2
R1
100
1
2
R2
10K
C1
100nF
C15
100nF
C5
100nF
C11
100nF
C12
100nF
C16
100nF
C17
100nF
12
34
56
78
9
10
J17
5X2_HEADER
1
MVO
2
GND
3
VDD3.3
4
GND
5
VDD2.5
6
SDI78
7
SDI56
8
SDI34
9
SDI12
10
LRCKI
11
BICKI
12
VDD3.3
13
GND
14
VDD2.5
15
RESET
16
PLLB
33
OUT6B
34
OUT6A
35
VDD3.3
36
GND
37
VDD2.5
38
OUT5B
39
OUT5A
40
OUT4B
41
OUT4A
42
OUT3B
43
OUT3A
44
VDD3.3
45
GND
46
VDD2.5
47
OUT2B
48
OUT2A
U1
C8
100nF
1
2
R7
10K
C9
1nF
R14
3.9K
C43
470pF
1
OUT1
2
IN1-
3
IN1+
4
GND
8
VCC
7
OUT2
6
IN2-
5
IN2+
U10
TS482
R15
3.9K
R16
3.9K
C44
150pF
R17
3.9K
R18
3.9K
R19
3.9K
R20
3.9K
C45
470pF
R21
3.9K
R22
3.9K
C46
150pF
R23
3.9K
R24
3.9K
R25
3.9K
C51
220pF
C47
220pF
R26
10k
R27
10k
R28
10k
R29
10k
R30
5k
C48
220pF
R31
5k
C49
220pF
C50
220uF
C52
220uF
1
2
3
J24
1
2
R32
0R0 N.F.
R78
0R0 N.F.
R79
0R0
R80
0R0
R81
0R0 N.F.
R82
0R0 N.F.
R83
0R0
R84
0R0 N.F.
R85
0R0
RESET
SCL
SDA
3V3_INT
EN
OSC_CK
XTI
3V3_INT
3V3_INT
3V3_INT
CKOUT_H
3V3_INT
3V3_INT
BICKO
LRCKO
SDO_12
SDO_34
SDO_56
3V3_INT
3V3_INT
PDMIN_6
PDMIN_5
PDMIN_4
PDMIN_3
PDMIN_2
PDMIN_1
1V8
3V3_INT
MIC_VCC
XTI
OSC_CK
MCLK
LRCKO
BICKO
SDO_12
SDO_56
SDO_34
3V3_INT
3V3_INT
EN
3V3_INT
3V3_INT
3V3
3V3_EXT
I/F_CLK
EAPD
3V3_INT
3V3_INT
HPOUT1
HPOUT2
HPOUT1
HPOUT2
3V3_INT
PWDN
CKOUT/4_H
I/F_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com