Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4146 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4146
Description  STSmartVoice demonstration board STEVAL-MKI126Vx
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4146 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4146 Datasheet HTML 19Page - STMicroelectronics AN4146 Datasheet HTML 20Page - STMicroelectronics AN4146 Datasheet HTML 21Page - STMicroelectronics AN4146 Datasheet HTML 22Page - STMicroelectronics AN4146 Datasheet HTML 23Page - STMicroelectronics AN4146 Datasheet HTML 24Page - STMicroelectronics AN4146 Datasheet HTML 25Page - STMicroelectronics AN4146 Datasheet HTML 26Page - STMicroelectronics AN4146 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
DocID023502 Rev 2
23/30
AN4146
STEVAL-MKI126Vx schematics, layout and BOM
Figure 20. STEVAL-MKI126Vx schematic - page 2
C2
33nF
C3
1uF
C39
100nF
+
C40
10uF
1
VL
2
I/O_VL1
3
I/O_VCC2
4
I/O_VL3
5
I/O_VCC4
6
I/O_VL5
7
I/O_VCC6
8
I/O_VL7
9
I/O_VCC8
10
GND
20
VCC
19
I/O_VCC1
18
I/O_VL2
17
I/O_VCC3
16
I/O_VL4
15
I/O_VCC5
14
I/O_VL6
13
I/O_VCC7
12
I/O_VL8
11
OE
U6
ST23783E
C18
100nF
C19
100nF
1
2
3
S1
1
VIN
3
VINH
5
OUT
U2
LDS3985XX
+C24
10uF
3
VIN
2
VOUT
GND
U7
IC-LD1117V33
1
2
J20
CN-02P
+
C26
100nF
C27
100nF
1V8
3V3_INT
1V8
3V3_INT
MIC_DATA1
MIC_DATA2
MIC_DATA3
MIC_DATA4
MIC_DATA5
MIC_DATA6
PDMIN_2_2378
PDMIN_4_2378
PDMIN_6_2378
PDMIN_1_2378
PDMIN_3_2378
PDMIN_5_2378
CKOUT_H
CKOUT/4_H
CKOUT_L
CKOUT/4_L
1V8
3V3_EXT
CK
D
Q
Q
QQ
D
CK
1
CLR
2
1D
3
1CK
4
1PR
5
1Q
6
1Q
7
GND
8
2Q
9
2Q
10
2PR
11
2CK
12
2D
13
2CLR
14
VDD
U4
74VHC74
12
34
56
78
910
11
12
13
14
15
16
J15
JP1
JP
1
2
R4 100
1
2
R5 100
C4
47pF
1
2
R6
0R0
C6
10pF
C7
10pF
C23
100nF
+
3V3_INT
CKOUT_H
CKOUT/2_H
CKOUT/4_H
SDO_12
SDO_34
SDO_56
BICKO
LRCKO
SCL
3V3
RESET
PWDN
SDA
MCLK
MUTE
FAIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com