Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4146 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN4146
Description  STSmartVoice demonstration board STEVAL-MKI126Vx
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4146 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN4146 Datasheet HTML 22Page - STMicroelectronics AN4146 Datasheet HTML 23Page - STMicroelectronics AN4146 Datasheet HTML 24Page - STMicroelectronics AN4146 Datasheet HTML 25Page - STMicroelectronics AN4146 Datasheet HTML 26Page - STMicroelectronics AN4146 Datasheet HTML 27Page - STMicroelectronics AN4146 Datasheet HTML 28Page - STMicroelectronics AN4146 Datasheet HTML 29Page - STMicroelectronics AN4146 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
STEVAL-MKI126Vx schematics, layout and BOM
AN4146
28/30
DocID023502 Rev 2
RES
R0603
3.9 k ohm +/-1% 1/8W
12
R14 R15 R16 R17
R18 R19 R20 R21
R22 R23 R24 R25
Murata
RES
R0603
5K ohm +/-1% 1/8W
2
R30 R31
Murata
Diode
D1206
SMD LED diode, red,1.8 V
1
D1
any source
OSC
SMD5X7
CSX750FBC11.2896MTR
1
Y1
Citizen
Connector
Through-
hole
1x3 2.54 mm pitch female
connector
12
J12 J14 J25 J26 J28
J29 J30 J31 J32 J34
J35 J36
any source
Connector
Through-
hole
1x3 2.54 mm pitch male
connector
1
S1
any source
Connector
Through-
hole
2x8 2.54 mm pitch male
Connector
2
J15 J38
any source
Connector
Through-
hole
2x5 2.54 mm pitch male
connector
1
J17
any source
Connector
Through-
hole
1x2 2.54 mm pitch male
connector
5
J3 J4 JP1 JP3 J20
any source
Phonejack
Through-
hole
SONGCHEN CKX-3.5-06
1
J24
Song Cheng
Plastic
supportor
Through-
hole
female 8 mm
4
any source
Plastic
supportor
Through-
hole
male 3 mm
4
any source
IC
TQFP64
STA321MPL
1
U1
STMicroelectronics
IC
VQFN56
STA321MP
1
U8
STMicroelectronics
Do not
solder
IC
SOT23-5
LDS3985M18R 1.8 V
regulator
1
U2
STMicroelectronics
IC
TSOP20
ST2378ETTR
1
U6
STMicroelectronics
IC
MINISO8
TS482IST
1
U10
STMicroelectronics
IC
SO14
74VHC74MTR
1
U4
STMicroelectronics
IC
SOT223
LD1117S33
1
U7
STMicroelectronics
IC
SOT23-
6L
STG719STR
2
IC1 IC2
STMicroelectronics
MEMS
mic
MP34DT01
2
U12 U13
STMicroelectronics
Solder
for V3
MEMS
mic
MP34DB01
2
U9 U11
STMicroelectronics
Solder
for V2
MEMS
mic
MP45DT02
2
U3 U5
STMicroelectronics
Solder
for V1
Table 5. STEVAL-MK126Vx bill of material (continued)
Type
Package
Description
Qty
Reference
Manufacturer
Remark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com