Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1301 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1301
Description  SINGLE PORT FAST ETHERNET TRANSCEIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1301 Datasheet(HTML) 6 Page - STMicroelectronics

  AN1301 Datasheet HTML 1Page - STMicroelectronics AN1301 Datasheet HTML 2Page - STMicroelectronics AN1301 Datasheet HTML 3Page - STMicroelectronics AN1301 Datasheet HTML 4Page - STMicroelectronics AN1301 Datasheet HTML 5Page - STMicroelectronics AN1301 Datasheet HTML 6Page - STMicroelectronics AN1301 Datasheet HTML 7Page - STMicroelectronics AN1301 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6/8
AN1301 APPLICATION NOTE
6.0 LED PINS
The LED display, consists of five LEDs having the following characteristics:
n
Speed LED: 100Mbps(on) or 10Mbps(off)
n
Transmit/Receive LED: Blinks at 10Hz when transmitting or receiving, but not colliding
n
10Mbps LED: Blinks at 10Hz when transmitting, but not colliding
n
Link LED: On when 100M or 10M link ok
n
Collision/FD LED: Blinks at 20Hz to indicate a collision. On to indicate full duplex operation
7.0 TYPICAL APPLICATION
While the STE100P may be used in a variety of applications such as multi-port repeaters or switches, the
application shown below gives a very simple way of evaluating and using the STE100P with minimum cir-
cuitry. (Refer to Bill of Materials in Table 2)
A typical application of the STE100P presented here would be in designing a Fast Ethernet transceiver
with a standard MII interface and a 10/100 Mbps twisted pair connector. (Refer to Fig. 5)
In this application,
n
STE100P is the only IC needed.
n
It connects directly to the industry standard 40-pin MII connector.
n
It also connects to the RJ-45 jack via a standard Fast Ethernet transformer.
n
5, 4-position DIP switches are used to select the PHY address. (More details on the PHY address reg-
isters, etc. are available on the STE100P datasheet)
n
2, 10-position DIP switches are used for determination of all of the pin-selectable options of the
STE100P such as duplex mode, data rate and auto negotiation.
n
STE100P also supports the MII MDIO access to all of its internal registers.
n
LEDs are included to indicate status information such as speed, duplex mode, transmit and receive ac-
tivity and link status.
n
There are registers with 16 bits each supported for STE100P. (More details on these registers are avail-
able in the STE100P datasheet).
n
There are also 4 special registers for advanced chip control and status information.
7.1 Schematics
The schematics for the sample application can be found on the the following page and the ST website at:
http://www.st.com/prodpres/dedicate/telecom/network/datacom/st100p.htm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com