Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1301 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN1301
Description  SINGLE PORT FAST ETHERNET TRANSCEIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1301 Datasheet(HTML) 8 Page - STMicroelectronics

  AN1301 Datasheet HTML 1Page - STMicroelectronics AN1301 Datasheet HTML 2Page - STMicroelectronics AN1301 Datasheet HTML 3Page - STMicroelectronics AN1301 Datasheet HTML 4Page - STMicroelectronics AN1301 Datasheet HTML 5Page - STMicroelectronics AN1301 Datasheet HTML 6Page - STMicroelectronics AN1301 Datasheet HTML 7Page - STMicroelectronics AN1301 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject
to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not
authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
® 2001 STMicroelectronics - All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco - Singapore - Spain
- Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
8/8
AN1301 APPLICATION NOTE
7.2 Bill of Materials
Following are the Bill of Materials for the STE100P sample application.
Item Qty
Reference
Part
__________________________________________________________________
1
13
C1,C2,C7,C8,C10,C11,C54,
0.1uF
C55,C56,C57,C58,C59,C61
2
6
C3,C4,C50,C51,C52,C53
22UF
3
2
C5,C6
10PF
4
1
C9
0.001UF
5
2
C12,C13
22PF
6
5
D1,D2,D3,D4,D5
LED
7
1
J1
RJ45
8
3
L1,L2,L3
BEAD (do not install L3
if U4 & U6 both installed)
9
5
R1,R2,R4,R5,R9
49.9
10
8
R3,R15,R361,R362,R363,
0 ohm
R364,R365,R366
11
1
R6
100 ohms
12
2
R8,R7
75 ohms
13
19
R10,R11,R13,R14,R16,R17,
10k
R19,R20,R21,R22,R23,R24,
R25,R26,R27,R28,R29,R30,
R31
14
1
R12
4.99K
15
1
R18
0 ohm
16
5
R32,R33,R34,R35,R36
240 ohms
17
5
R37,R38,R39,R40,R41
1.1K
18
5
R320,R330,R340,R350,R360
91 ohms
19
5
R367,R368,R369,R370,R371
340 ohms
20
5
SW3,SW4,SW5,SW6,SW7
DIP Switch DIP-4
21
2
SW8,SW9
SW DIP-10
22
7
TP1,TP8,TP11,TP12,TP13,
Test Pins
TP14,TP15
23
1
U1
MII 40 pin connector
24
1
U2
STEPHY STE100P
25
1
U3
HB626-1 Transformer
26
2
U4,U6
3.3VReg-L4931CZ33
27
1
U5
MIITest header
28
1
X1
25MHz crystal



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com