Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1301 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1301
Description  SINGLE PORT FAST ETHERNET TRANSCEIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1301 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1301 Datasheet HTML 1Page - STMicroelectronics AN1301 Datasheet HTML 2Page - STMicroelectronics AN1301 Datasheet HTML 3Page - STMicroelectronics AN1301 Datasheet HTML 4Page - STMicroelectronics AN1301 Datasheet HTML 5Page - STMicroelectronics AN1301 Datasheet HTML 6Page - STMicroelectronics AN1301 Datasheet HTML 7Page - STMicroelectronics AN1301 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AN1301 APPLICATION NOTE
5/8
4.3 Standard termination
ST recommends a standard termination for the unused pairs on the twisted-pair interface as shown in
Figure 4. The termination basically looks like a 100 ohm load, matched to the line, which is by passed to
chassis ground. This termination is added for robustness and noise reduction.
Figure 4. Suggested Termination Circuit
5.0 CRYSTAL REQUIREMENTS
The crystal to be used with the STE101P should be a 25 MHz fundamental mode crystal operating in par-
allel resonance, connected as shown in the sample application circuit schematic (see section 7.1). The
following table shows the specifications for the crystal:
Table 1
Parameter
Units
Min
Max
Nom
Frequency
MHz
-
-
25.0
Frequency Stability
ppm
-
+ 50
-
Load Capacitance
pF
18
Shunt Capacitance
pF
8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com