Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1301 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1301
Description  SINGLE PORT FAST ETHERNET TRANSCEIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1301 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1301 Datasheet HTML 1Page - STMicroelectronics AN1301 Datasheet HTML 2Page - STMicroelectronics AN1301 Datasheet HTML 3Page - STMicroelectronics AN1301 Datasheet HTML 4Page - STMicroelectronics AN1301 Datasheet HTML 5Page - STMicroelectronics AN1301 Datasheet HTML 6Page - STMicroelectronics AN1301 Datasheet HTML 7Page - STMicroelectronics AN1301 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
AN1301
APPLICATION NOTE
November 2003
1.0 GENERAL DESCRIPTION
The STE100P, also referred to as STEPHY1, is a high performance Fast Ethernet physical layer interface for
10BASE-T and 100BASE-TX applications. It was designed with advanced CMOS technology to provide a Media
Independent Interface (MII) for easy attachment to 10/100 Media Access Controllers (MAC) and a physical me-
dia interface for 100BASE-TX and 10BASE-T. The twisted pair interface directly drives a 10/100 twisted pair
connection. STE100P is an excellent device perfectly suited for hub, switch, router and other embedded Ether-
net applications.
The system diagram is as shown below:
Figure 1. System Diagram of the STE100P Application
2.0 FEATURES
n
Integrates the whole physical layer functions of the 100BASE-TX and 10BASE-T
n
3.3V low power operation
n
The hardware control pins set the initial state of the STE100P at power-up
n
Designed with a power down feature, which can save the power consumption significantly
n
Can operate for either full duplex or half duplex network applications.
n
MII interface
n
Provides auto-negotiation, parallel detection or manual control for mode setting
n
Provides MLT-3 transceiver with DC restoration for Base-line wander compensation
B oot R O M
25 M H z
C r ysta l
RJ -4 5
ST E1 0 0 P
STEP HY1
Se r ia l
EEPR O M
LE D s
M A C
D ev ic e
STE100P - SINGLE PORT FAST ETHERNET TRANSCEIVER


Similar Part No. - AN1301

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1300 STMICROELECTRONICS-AN1300 Datasheet
83Kb / 9P
L6598 BASED 12V/3A RESONANT APPLICATION
Oct-2000
logo
Microchip Technology
AN1302 MICROCHIP-AN1302 Datasheet
100Kb / 8P
An I2C??Bootloader for the PIC16F1XXX Enhanced Core
03/26/09
More results

Similar Description - AN1301

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM3351 PMC-PM3351 Datasheet
978Kb / 268P
SINGLE PORT FAST ETHERNET SWITCH
logo
Level One
LXT970 LVL1-LXT970 Datasheet
3Mb / 56P
Fast Ethernet Transceiver
logo
STMicroelectronics
GIGA090 STMICROELECTRONICS-GIGA090 Datasheet
66Kb / 4P
90nm Single Port Embeddable Gigabit Ethernet Transceiver
24-Feb-2006
logo
List of Unclassifed Man...
IP101ALF ETC2-IP101ALF Datasheet
501Kb / 36P
Single port 10/100 Fast Ethernet Transceiver
logo
National Semiconductor ...
DP83848K NSC-DP83848K_07 Datasheet
1,014Kb / 78P
Industrial Temperature Single Port 10/100 Ethernet Transceiver
logo
Intel Corporation
LXT9761 INTEL-LXT9761 Datasheet
1Mb / 78P
Fast Ethernet 10/100 Multi-Port Transceiver with RMII
logo
Source Photonics, Inc.
SP-FE-LX-CDA SOURCE-SP-FE-LX-CDA Datasheet
589Kb / 7P
Fast Ethernet SFP Transceiver
logo
Broadcom Corporation.
BCM89811 BOARDCOM-BCM89811 Datasheet
112Kb / 1P
BroadR-Reach Single-Port Automotive Ethernet RGMII Transceiver
logo
List of Unclassifed Man...
IP101GRI ETC-IP101GRI Datasheet
3Mb / 65P
Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
January 14, 2014
logo
Broadcom Corporation.
BCM89810 BOARDCOM-BCM89810 Datasheet
291Kb / 2P
SINGLE-PORT BroadR-Reach™ AUTOMOTIVE ETHERNET TRANSCEIVER
October 6, 2011
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com