Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1714 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN1714
Description  transceiver demonstration kit description
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1714 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN1714 Datasheet HTML 17Page - STMicroelectronics AN1714 Datasheet HTML 18Page - STMicroelectronics AN1714 Datasheet HTML 19Page - STMicroelectronics AN1714 Datasheet HTML 20Page - STMicroelectronics AN1714 Datasheet HTML 21Page - STMicroelectronics AN1714 Datasheet HTML 22Page - STMicroelectronics AN1714 Datasheet HTML 23Page - STMicroelectronics AN1714 Datasheet HTML 24Page - STMicroelectronics AN1714 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
AN1714
Demonstration board for ST7538Q
21/46
2.2.3
Voltage regulation-current protection loops
A powerline network requires an appropriate driving circuit able to adapt the output signal
characteristic to the different and low values of the mains impedance.
Figure 18.
Powerline output characteristics
Figure 18 shows the characteristic of a coupling circuit. The characteristic has a range with
constant voltage amplitude of the transmitted signal. When the line impedance has reached
a critical Z0 value, corresponding to the maximum power, the amplitude of the output signal
is decreased in order to have a constant current.
The value of Z0 depends mainly on the network impedance, while the maximum value of V0
depends on the norm (EN50065-1) and on the maximum current capability of the powerline
interface.
The ST7538Q integrates a control voltage / current protection circuit. It is possible to
program the values of Z0 and V0 with external resistors. The R13 trimmer sets the current
protection limit and the R14 and R12 trimmers the peak voltage level. The dimension of
these external components influences the design of the coupling interfaces and of the power
management, too. For example all the components in series to the signal (transformer, filter
inductors, decoupling capacitors, fuses) have to guarantee a maximum current or a
saturation current greater than the maximum current programmed with R13, as well as the
dimension of the current capability of the power supply. The capacitors on the supply line
have to be chosen according to the programmed current values.
The control loop circuit inside the devices is obtained by a Voltage Controlled Amplifier
(VCA) with a logic circuit that implements the following control (Figure 20). The current
protection has the priority with respect to the voltage loop regulation, so if an output current
greater than the programmed value (Iref > IH) is detected, the digital control acts on the VCA
to reduce the output signal voltage. When the current reaches the programmed value, the
gain of the VCA is frozen.
In case of no current protection condition (Iref < IL), the voltage regulation loop assumes the
control and modifies the gain of the VCA until the output signal reaches the programmed
values.
The VCA changes its gain at steps of about 1dB (10%). The logic samples the current and
voltages values with an internal clock of 5 Hz, so the transmitted signal is updated every 200
µsec at steps of 1 dB.
V
z
I zone
V zone
Line load (ohm)
Signal
Amplitude
V0
Z0
V
z
I zone
V zone
Line load (ohm)
Signal
Amplitude
V0
Z0
Z0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com