Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1714 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN1714
Description  transceiver demonstration kit description
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1714 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN1714 Datasheet HTML 19Page - STMicroelectronics AN1714 Datasheet HTML 20Page - STMicroelectronics AN1714 Datasheet HTML 21Page - STMicroelectronics AN1714 Datasheet HTML 22Page - STMicroelectronics AN1714 Datasheet HTML 23Page - STMicroelectronics AN1714 Datasheet HTML 24Page - STMicroelectronics AN1714 Datasheet HTML 25Page - STMicroelectronics AN1714 Datasheet HTML 26Page - STMicroelectronics AN1714 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
AN1714
Demonstration board for ST7538Q
23/46
In the demonstration board it is possible to link the feedback signal (top of R12 resistor) to
the ATOP1 or to the ATOP2 pin through jumper J36. The choice of the feedback connection
point depends on the network coupling circuit topology.
If a big noise coming from the mains is present disturbing the voltage control loop, a
possible solution is to connect the feedback to the ATO pin. In this case the output signal
has half the value with respect to the ATOP pins, so the R12 resistor has a half value (or the
R14 resistor has to be doubled).
In the demonstration board it is possible to change the output signal voltage level acting on
the R12 trimmer. Table 2 gives the values of the trimmer to assume some standard output
values.
The resistor connected to the CL pin (the trimmer R13 in the demonstration board) has the
function to program the current protection threshold. The capacitor C37 in parallel to the
resistor has a filtering function for noise and spikes.
A mirrored current (ratio 1:5000) of the p channel power Mos of the powerline interface of
the device (both ATOP1 and ATOP2) is present on the CL pin. The voltage on the CL pin is
proportional to the output current and to the resistor connected to the pin.
The peak value of this voltage is compared with an internal reference of the device. If the
signal overcomes the threshold, the loop acts on the VCA reducing the transmitted signal
and therefore the output current.
The resistor value determines the output signal that the interface is able to supply. In
conjunction with the programmed output voltage V0 the maximum current level fixes the
minimum value of driving impedances (Z0).
Table 2.
Voltage regulation loop (divider and R12 resistors values)
Vout (Vrms)
(1)
1.
The regulated Vout voltage is the point linked to the voltage feedback divider (top of R12).
Vout (dBuV)
(R14+R12)/R14
R12 (KΩ)
(2)
2.
The rate of R14 takes in account the input resistance on the VSENSE pin (36 KΩ). The decoupling capacitor
(C17) has been neglected.
0.150
103.5
1.1
0.1
0.250
108.0
1.9
0.9
0.350
110.9
2.7
1.7
0.500
114.0
3.7
2.6
0.625
115.9
4.7
3.6
0.750
117.5
5.8
4.7
0.875
118.8
6.6
5.4
1.000
120.0
7.6
6.4
1.250
121.9
9.5
8.3
1.500
123.5
10.8
9.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com