Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1714 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN1714
Description  transceiver demonstration kit description
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1714 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN1714 Datasheet HTML 27Page - STMicroelectronics AN1714 Datasheet HTML 28Page - STMicroelectronics AN1714 Datasheet HTML 29Page - STMicroelectronics AN1714 Datasheet HTML 30Page - STMicroelectronics AN1714 Datasheet HTML 31Page - STMicroelectronics AN1714 Datasheet HTML 32Page - STMicroelectronics AN1714 Datasheet HTML 33Page - STMicroelectronics AN1714 Datasheet HTML 34Page - STMicroelectronics AN1714 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
AN1714
Demonstration board for ST7538Q
31/46
If an emulator is linked to the board we recommend programming a 4 MHz clock in the
ST7538Q internal register.
For more accurate and complete information on the features, characteristics and issues
concerning ST microprocessors, please refer to the attached documentation or to the
reference documents or go to the site www.stmcu.com.
2.6.1
Modem / microcontroller interface
The interface signals between modem ST7538Q and the ST2C334 microcontroller can be
divided in three categories: the control signals, the communications signals and the auxiliary
signals.
The first group consists of the clock signal (MCLK/OSCIN) the reset signal (RSTO/RESET)
and the watchdog signal (WD/PD3).
The clock signal of the microcontroller is provided by the ST7538Q from the MCLK pin. The
default is 4Mhz but it is possible to increase this value (8 Mhz or 16 MHz) by programming
the ST7538Q control register.
The reset of the microcontroller is provided by the modem. The reset line is connected to the
manual reset (C22, R15 and SW1) and to the reset pin of the CN7 connector for the In-Situ
Programming mode procedures.
The watchdog signal has to be managed from the microcontroller (PD3 output port). If the
ST7538Q doesn't detect any activity on the WD pin, it generates a reset signal on the RSTO
pin. It is possible to disable this function through the modem control register.
The second group of signals consists of the links necessary for the modem/Micro Controller
Unit communication. These include the data signals RXD (from the modem to the MCU) and
TXD (from MCU to the modem), the transmitting/receiving status selection signal (RX/TX),
the internal ST7538Q register control access signal REG/DATA, and the recovery clock
signal CLRT.
The ISP (In Situ Programming mode) signals coming from the CN7 connector are also
linked to the communication wires and to the RESET. Remember to open the jumper J11
during the programming phase.
The simplest interfacing mode is the synchronous mode. In this case it is possible to use the
SPI interface of the MCU. The PC5/MOSI (Slave In Data) is connected to the RXD pin, the
PC4/MISO pin (Slave Out Data) is connected to the TXD pin and the PC6/SCKI (SPI serial
clock) pin is connected to the CLRT pin. The SPI Slave select (PC7/SS) is controlled by the
MCU itself through the PB0 I/O port.
The CLRT signal is connected to the PB1 I/O pin too.
It is also possible to implement an asynchronous interfacing mode, and for this reason the
pin RXD is also connected to the PC3/ICAP1_B pin (timer B input capture).
In this modality of communication the CLRT signal isn't considered and the recovered clock
has to be rebuilt internally by the MCU. If the ST7538Q control register has to be changed
from the default configuration, the first access has to be done at baud rate of 2400.
The idle state of the RXD output is the low state, so an asynchronous interface could be
necessary to invert externally this signal.
A diode (D13) and a pull down resistor R16 were inserted on the TXD connection line. With
these components it is possible to transmit a frame coming from an external device (for
example a BER tester). It is sufficient to configure the modem in a transmitting status and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com