Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1714 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN1714
Description  transceiver demonstration kit description
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1714 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN1714 Datasheet HTML 35Page - STMicroelectronics AN1714 Datasheet HTML 36Page - STMicroelectronics AN1714 Datasheet HTML 37Page - STMicroelectronics AN1714 Datasheet HTML 38Page - STMicroelectronics AN1714 Datasheet HTML 39Page - STMicroelectronics AN1714 Datasheet HTML 40Page - STMicroelectronics AN1714 Datasheet HTML 41Page - STMicroelectronics AN1714 Datasheet HTML 42Page - STMicroelectronics AN1714 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
AN1714
Demonstration board characterization
39/46
Figure 32.
Output signal spectrum, channel 132.5 kHz, mains 110 V~, random
sequence
Figure 33.
Output signal spectrum, channel 110 kHz, mains 220 V~, random
sequence
3.2
Narrowband conducted interference
The setup of the narrowband conducted interferences test consists of a first transmitting
demonstration board controlled by a BER (Bit Error Rate) tester that generates a random bit
stream. The second board demodulates the received signal that is evaluated by the linked
BER tester.
The noise is produced by a waveform generator and injected into the artificial network by a
coupling circuit connected to a low distortion power amplifier (EN50065-2-1, 7.2.3).
Two types of signal noises have been used for the test: a pure sinusoidal signal and an
amplitude-modulated signal, (modulating signal 1 kHz, modulation deep 80%).
The amplitude of the noise signal is decreased until the BER measured is lower than 10-3
(one error every 1000 transmitted bits).
The noise measure is done disconnecting the signal source and the coupling circuits from
the artificial network.
Ch 132.5 kHz, baud 2400, dev 0,5 - mains 110V~
Continuos Transmission - Random Sequences
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
110.0
120.0
10000
100000
1000000
10000000
100000000
dBuV
EN50065-1
10kHz -> 150kHz (Bw = 100Hz)
150kHz -> 30MHz (Bw =10kHz)
2nd Harmonic
54.0dB
µV
3rd Harmonic
47.2dB
µV
Ch 110 kHz, baud 2400, dev 0,5
Continuos Transmission - Random Sequences
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
110.0
120.0
10000
100000
1000000
10000000
100000000
dBuV
EN50065-1
10kHz -> 150kHz (Bw = 100Hz)
150kHz -> 30MHz (Bw=10kHz)
2nd Harmonic
54.0dB
µV
3rd Harmonic
47.2dB
µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com