Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRU1205CL Datasheet(PDF) 2 Page - International Rectifier

Part # IRU1205CL
Description  300mA ULTRA LOW DROPOUT POSITIVE ADJUSTABLE AND FIXED REGULATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1205CL Datasheet(HTML) 2 Page - International Rectifier

  IRU1205CL Datasheet HTML 1Page - International Rectifier IRU1205CL Datasheet HTML 2Page - International Rectifier IRU1205CL Datasheet HTML 3Page - International Rectifier IRU1205CL Datasheet HTML 4Page - International Rectifier IRU1205CL Datasheet HTML 5Page - International Rectifier IRU1205CL Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Rev. 2.3
07/16/02
IRU1205
IRU1205-18 / IRU1205-25 / IRU1205-28
IRU1205-30 / IRU1205-33 / IRU1205-36
www.irf.com
ABSOLUTE MAXIMUM RATINGS
Input Voltage (VIN) ..................................................... 10V
Enable Input Voltage ................................................. 10V
Storage Temperature Range ....................................... -65°C To 150°C
Operating Junction Temperature Range ......................
0°C To 150°C
PACKAGE INFORMATION
5-PIN SOT-23 (L5)
5-PIN SOT-23 (L5)
ELECTRICAL SPECIFICATIONS
Reference Voltage
(See Table 1 for typical values)
Line Regulation
Load Regulation (Note 1)
Dropout Voltage (Note 2)
Ground Current (Note 3)
Ground Current-SD Activated
Current Limit
Thermal Regulation
Adjust Pin Current
Enable Pin Input LO Voltage
Enable Pin Input HI Voltage
Enable Pin Input LO Current
Enable Pin Input HI Current
uJA=2568C/W
uJA=2568C/W
Unless otherwise specified, these specifications apply over CIN=Co=22
mF, Io=100mA, VIN(MIN)=2.5V(Adjustable
devices) VIN=Vo + 1V(for fixed voltage devices), VOUT=VFB(for adjustable version only), CBYP=470pF(for AT18, AT25,
AT28, AT30, AT33 and AT36), VENB=2V and TA=25
8C. Typical values refer to TA=258C. Low duty cycle pulse testing
is used which keeps junction and case temperatures equal to the ambient temperature.
En
Adj
Gnd VIN
VOUT
AT00
Adjustable
3
2
1
4
5
Fixed
En
CBYP
Gnd VIN
VOUT
ATxx
3
2
1
4
5
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX UNITS
(Note 4)
Vo + 1V<VIN<10V
1mA<Io<100mA
100mA<Io<300mA
Io=100
mA
Io=100
mA (Note 4)
Io=50mA
Io=50mA (Note 4)
Io=150mA
Io=150mA (Note 4)
Io=300mA
Io=300mA (Note 4)
VEN=2V, Io=100
mA
Io=100
mA (Note 4)
Io=50mA
Io=50mA (Note 4)
Io=150mA
Io=150mA (Note 4)
Io=300mA
Io=300mA (Note 4)
VEN=0V to 0.8V or Open
Vo=0V
VIN=10V, Io=150mA, 10ms Pulse
VIN=2.5V, Vo=VADJ
Regulator OFF
Regulator ON
VEN(L)=0V to 0.8V
VEN(H)=2V to VIN
-1
-2
320
2
0.005
0.8
0.1
10
13
85
100
170
204
270
324
120
240
420
540
2200
2900
7200
9300
5
420
0.05
0.1
0.01
20
1
2
50
70
110
140
220
260
350
400
160
600
2900
9500
0.8
%
%/V
%
mV
mA
mA
mA
%/W
mA
V
V
mA
mA
Vo
DVI
DVL
DVI(O)
IQ
IQ(SD)
ICL
DVP
IADJ
VEN(L)
VEN(H)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com