Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRU1205CL Datasheet(PDF) 3 Page - International Rectifier

Part # IRU1205CL
Description  300mA ULTRA LOW DROPOUT POSITIVE ADJUSTABLE AND FIXED REGULATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1205CL Datasheet(HTML) 3 Page - International Rectifier

  IRU1205CL Datasheet HTML 1Page - International Rectifier IRU1205CL Datasheet HTML 2Page - International Rectifier IRU1205CL Datasheet HTML 3Page - International Rectifier IRU1205CL Datasheet HTML 4Page - International Rectifier IRU1205CL Datasheet HTML 5Page - International Rectifier IRU1205CL Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IRU1205
IRU1205-18 / IRU1205-25 / IRU1205-28
IRU1205-30 / IRU1205-33 / IRU1205-36
3
Rev. 2.3
07/16/02
www.irf.com
PIN #
PIN SYMBOL
PIN DESCRIPTION
The input pin of the regulator. Typically a large storage capacitor is connected from
this pin to ground to insure that the input voltage does not sag below the minimum
drop out voltage during the load transient response. This pin must always be higher
than VOUT by at least the amount of the dropout voltage and some margin in order for
the device to regulate properly.
Ground pin. This pin must be connected to the lowest potential in the system and all
other pins must be at higher potential with respect to this pin.
Enable pin. A low signal or left open on this pin shuts down the output. This pin must
be tied HI or to VIN for normal operation.
A resistor divider from this pin to the VOUT pin and ground sets the output voltage. To
minimize the error due to the error amplifier, select the values of the resistor dividers
to be less than 10K
V.
A 470 to 1000pF bypass capacitor connected to this pin reduces the output noise.
The output of the regulator. A minimum of 2.2
mF with max ESR of 1V capacitor must
be connected from this pin to ground to insure stability.
5-PIN
Output
SOT-23
Voltage
IRU1205
1.25V
IRU1205-18
1.8V
IRU1205-25
2.5V
IRU1205-28
2.8V
IRU1205-30
3.0V
IRU1205-33
3.3V
IRU1205-36
3.6V
Note 3: Ground current is the regulator quiescent cur-
rent plus the pass transistor current. The total current
from the supply is the sum of the load current plus the
ground pin current.
Note 4: The specification applies for the junction tem-
perature of 0 to +125
8C.
Note 1: Low duty cycle pulse testing with Kelvin con-
nections is required in order to maintain accurate data.
Note 2: Dropout voltage is defined as the minimum dif-
ferential voltage between VIN and VOUT required to main-
tain regulation at VOUT. It is measured when the output
voltage drops 1% below its nominal value.
PIN DESCRIPTIONS
The output voltage of the adjustable device can be set
using:
Where:
R1 = Resistor connected from output to the Adj pin
R2 = Resistor connected from Adj pin to Gnd
1
2
3
4
4
5
VIN
Gnd
En
Adj
(Adjustable Only)
CBYP
(Fixed Only)
VOUT
Table 1- Nominal output voltage vs. part number.
Vo = 1.25
3 1+
R1
R2
(
)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com