Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRU1205CL Datasheet(PDF) 1 Page - International Rectifier

Part # IRU1205CL
Description  300mA ULTRA LOW DROPOUT POSITIVE ADJUSTABLE AND FIXED REGULATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1205CL Datasheet(HTML) 1 Page - International Rectifier

  IRU1205CL Datasheet HTML 1Page - International Rectifier IRU1205CL Datasheet HTML 2Page - International Rectifier IRU1205CL Datasheet HTML 3Page - International Rectifier IRU1205CL Datasheet HTML 4Page - International Rectifier IRU1205CL Datasheet HTML 5Page - International Rectifier IRU1205CL Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
IRU1205
IRU1205-18 / IRU1205-25 / IRU1205-28
IRU1205-30 / IRU1205-33 / IRU1205-36
1
Rev. 2.3
07/16/02
www.irf.com
DESCRIPTION
The IRU1205 device is an efficient linear voltage regula-
tor with better than 1% initial voltage accuracy, very low
dropout voltage and very low ground current designed
especially for hand held, battery powered applications.
Other features of the device are: TTL compatible enable/
shutdown control input, current limiting and thermal shut-
down.
The IRU1205 is available in fixed and adjustable output
voltage versions in a small SOT-23 5-Pin package.
300mA ULTRA LOW DROPOUT POSITIVE
ADJUSTABLE AND FIXED REGULATORS
SOT-23 Package
Stable with 2.2
mF Ceramic Capacitor
1% Voltage Reference Accuracy
Only 270mV Dropout at 300mA
and 170mV Dropout at 150mA
5
mA Quiescent Current in Shutdown
Current Limit and Thermal Shutdown
Logic Input Enable Pin
TYPICAL APPLICATION
Figure 1 - Typical application of the IRU1205 ajustable voltage regulator.
Figure 2 - Typical application of the IRU1205-25 fixed voltage regulator.
Data Sheet No. PD94133
APPLICATIONS
Laptop, Notebook & Palmtop computers
Battery Powered Equipments
PCMCIA Vcc & Vpp Regulator
Consumer Electronics
High Efficiency Linear Power Supplies
FEATURES
PACKAGE ORDER INFORMATION
TJ (°C)
5-PIN
SOT-23
OUTPUT
SOT-23 (L5)
MARKING
VOLTAGE
0 To 125
IRU1205CL
AT00
Adj
0 To 125
IRU1205-18CL
AT18
1.8V
0 To 125
IRU1205-25CL
AT25
2.5V
0 To 125
IRU1205-28CL
AT28
2.8V
0 To 125
IRU1205-30CL
AT30
3.0V
0 To 125
IRU1205-33CL
AT33
3.3V
0 To 125
IRU1205-36CL
AT36
3.6V
VIN
VOUT
R1
R2
C1
2.2uF
C2
2.2uF
SD
Enable
5
3
4
VOUT
Adj
2
1 VIN
Gnd
En
3.3V
2.5V
C3
1000pF
C1
2.2uF
C2
2.2uF
SD
Enable
5
3
4
VOUT
CBYP
2
1 VIN
Gnd
En
Vo = 1.25
3 1+
R1
R2
(
)


Similar Part No. - IRU1205CL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
114Kb / 8P
1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
IRU1206 IRF-IRU1206 Datasheet
94Kb / 12P
1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
IRU1206-18 IRF-IRU1206-18 Datasheet
94Kb / 12P
1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
IRU1206-18CD IRF-IRU1206-18CD Datasheet
94Kb / 12P
1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
IRU1206-18CY IRF-IRU1206-18CY Datasheet
94Kb / 12P
1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
More results

Similar Description - IRU1205CL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
Advanced Power Electron...
APU1205 A-POWER-APU1205 Datasheet
70Kb / 4P
300mA ULTRA LOW DROPOUT POSITIVE ADJUSTABLE AND FIXED REGULATORS
APU1206 A-POWER-APU1206 Datasheet
187Kb / 9P
1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
Advanced Power Electron...
APU1205 A-POWER-APU1205_16 Datasheet
106Kb / 5P
300mA ULTRA LOW DROPOUT POSITIVE ADJUSTABLE AND FIXED REGULATORS
APU8836 A-POWER-APU8836_16 Datasheet
245Kb / 7P
300mA ULTRA LOW DROPOUT POSITIVE ADJUSTABLE AND FIXED REGULATORS
APU8850 A-POWER-APU8850_16 Datasheet
149Kb / 7P
150mA ULTRA LOW DROPOUT POSITIVE ADJUSTABLE AND FIXED REGULATORS
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com