Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRU1205CL Datasheet(PDF) 5 Page - International Rectifier

Part # IRU1205CL
Description  300mA ULTRA LOW DROPOUT POSITIVE ADJUSTABLE AND FIXED REGULATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1205CL Datasheet(HTML) 5 Page - International Rectifier

  IRU1205CL Datasheet HTML 1Page - International Rectifier IRU1205CL Datasheet HTML 2Page - International Rectifier IRU1205CL Datasheet HTML 3Page - International Rectifier IRU1205CL Datasheet HTML 4Page - International Rectifier IRU1205CL Datasheet HTML 5Page - International Rectifier IRU1205CL Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
IRU1205
IRU1205-18 / IRU1205-25 / IRU1205-28
IRU1205-30 / IRU1205-33 / IRU1205-36
5
Rev. 2.3
07/16/02
www.irf.com
(L5) SOT-23 Package
5-Pin
SYMBOL
A
A1
A2
B
C
D
E
E1
e
e1
L
a
MIN
0.90
0.00
0.90
0.25
0.09
2.80
2.60
1.50
0.35
0
8
MAX
1.45
0.15
1.30
0.50
0.20
3.00
3.00
1.75
0.55
10
8
0.95 REF
1.90 REF
NOTE: ALL MEASUREMENTS
ARE IN MILLIMETERS.
C
L
E
C
E1
L
B
e
D
e1
A
A2
A1
a



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com