Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0272 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM0272
Description  Central Unit for Alarm System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0272 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM0272 Datasheet HTML 9Page - STMicroelectronics UM0272 Datasheet HTML 10Page - STMicroelectronics UM0272 Datasheet HTML 11Page - STMicroelectronics UM0272 Datasheet HTML 12Page - STMicroelectronics UM0272 Datasheet HTML 13Page - STMicroelectronics UM0272 Datasheet HTML 14Page - STMicroelectronics UM0272 Datasheet HTML 15Page - STMicroelectronics UM0272 Datasheet HTML 16Page - STMicroelectronics UM0272 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
UM0272
System hardware configuration
13/40
3
System hardware configuration
3.1
Introduction
The hardware configuration greatly depends on the area to protect. The CU is very flexible
due to its easy way to program each input and output line. It is possible to configure a more
powerful system using bus modules to expand the features.
It is possible to manage, for example, two different areas independently or with one or more
zones in common; it all depends on how the CU is configured.
Using the GSM module, it is possible to know the CU or the zones status, enable or disable
the partitions, or perform several actions on the outputs remotely.
Thanks to the fully configurable outputs, it is possible to decide which device to connect
(sirens, external devices, etc.), the activation time, working mode, etc.
3.2
Sensor connections
The sensors must be connected to the zone terminals (connectors J20 and J21, connectors
J23 and J24) as shown in Figure 6. It is possible to connect a balance resistor in series with
the sensor switch to detect both line cutting and line short-circuiting. Even the tamper line
can be balanced.
Moreover, thanks to the autobalance control feature (see Zones Autobalance on page 31), it
is possible to place more than one resistor in series with the tamper line (each tamper
switch must be connected in series to all the others). This configuration enables a more
efficient balance control of the tamper line than when placing only one resistor.
Figure 6.
Sensor wiring diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com