Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0272 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM0272
Description  Central Unit for Alarm System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0272 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM0272 Datasheet HTML 18Page - STMicroelectronics UM0272 Datasheet HTML 19Page - STMicroelectronics UM0272 Datasheet HTML 20Page - STMicroelectronics UM0272 Datasheet HTML 21Page - STMicroelectronics UM0272 Datasheet HTML 22Page - STMicroelectronics UM0272 Datasheet HTML 23Page - STMicroelectronics UM0272 Datasheet HTML 24Page - STMicroelectronics UM0272 Datasheet HTML 25Page - STMicroelectronics UM0272 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
Menus
UM0272
22/40
In the example shown in Figure 15, the entered access code has only 4 associated
partitions (00, 02, 05 and 06). Use the
keys to display the available partitions and
press ENT to associate/dissociate the displayed partition (the symbol will change from a dot
to a cross and vice versa). Press
to display the next group of partitions (if available).
Figure 15.
Partition selection
Press EXIT to validate the partition selection values.
5.4
System status
Press 1 to open the System Status menu that displays the status of the inputs and the
outputs present on the system. Press 1 again to display the Input menu and the status of
Zone 0 is as shown in the example in Figure 16.
Figure 16.
System status menu
The CM screen displays the zone number, zone value (active or not-active, depending on
the zone setting and the actual balance status), zone status (enabled or disabled) and the
first 11 characters of the description.
To display the status of the next zone, press
. It is also possible to select a specific zone
number (starting the scroll from this point forward); press ENT, enter the desired zone
number and then press ENT again.
5.5
Log event
Use the Log Event menu (Figure 17) to display all events stored in the internal memory of
the CU when they occur.
The log capability goes up to 1000 events (0 based). Once the last log location is reached,
new events overwrite the oldest events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com