Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0272 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM0272
Description  Central Unit for Alarm System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0272 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM0272 Datasheet HTML 24Page - STMicroelectronics UM0272 Datasheet HTML 25Page - STMicroelectronics UM0272 Datasheet HTML 26Page - STMicroelectronics UM0272 Datasheet HTML 27Page - STMicroelectronics UM0272 Datasheet HTML 28Page - STMicroelectronics UM0272 Datasheet HTML 29Page - STMicroelectronics UM0272 Datasheet HTML 30Page - STMicroelectronics UM0272 Datasheet HTML 31Page - STMicroelectronics UM0272 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
Menus
UM0272
28/40
Figure 22.
Output settings menus
Description
The Output description is 16 characters long and is displayed on the System Status
(Section 5.4: System status) and Log Event (see Section 5.5: Log event) menus. This
displays a more significant name rather than a number. To change the description, press
ENT, enter the new text and press ENT again to store the new description.
Status
The Status sub-menu adds or removes the selected output from the control flow. Once
disabled, the output will not be activated by the CU even if associated to a zone where an
alarm condition is detected.
This option is used for disabling the output if it is not used, if a sensor connected on it is
broken (waiting for a replacement) or to temporarily disable the output without losing any
settings. Press ENT to switch between the two possible values (enabled/disabled).
Working mode
The Working mode indicates the way the output is managed once enabled and associated
to a zone. The possible working mode values are the following:
●
Change Status: The CU changes the output value during an alarm condition and
restores the previous value once the time associated to the output is elapsed.
●
Toggle: The CU toggles the output value each time it detects an alarm condition. In
order to switch between the different working modes, press ENT.
●
Default Level: The default level can be normally high (the SSR outputs and the
transistorized outputs are at 12 VDC level, the Relay will close the contacts between
the C and NA terminals, the Buzzer is normally activated) or normally low (the opposite



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com