Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0272 Datasheet(PDF) 31 Page - STMicroelectronics

Part # UM0272
Description  Central Unit for Alarm System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0272 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button UM0272 Datasheet HTML 27Page - STMicroelectronics UM0272 Datasheet HTML 28Page - STMicroelectronics UM0272 Datasheet HTML 29Page - STMicroelectronics UM0272 Datasheet HTML 30Page - STMicroelectronics UM0272 Datasheet HTML 31Page - STMicroelectronics UM0272 Datasheet HTML 32Page - STMicroelectronics UM0272 Datasheet HTML 33Page - STMicroelectronics UM0272 Datasheet HTML 34Page - STMicroelectronics UM0272 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
UM0272
Menus
31/40
Press ENT to display the current installation code (Figure 26). Press ENT again to modify
the installation code.
Note:
The CU installation code is displayed in clear and not encrypted with the star symbol (*) as
this menu is only available in Setup mode; the correct password to access the Service level
must have previously been entered.
5.6.5
Access code
The access code is required to enter the CU Setup mode.
●
If an Owner (access level) password is entered, the menu shows the current code.
Press ENT to enter the new code.
●
If a Service (access level) password is entered, the menu shows the current code.
Press ENT to enter the new code. Press ENT to define the code as the Service or
Owner code. Both the owner and the service codes can be modified at this access
level.
After having entered the new code, press ENT to save the new code. At the prompt, press
the 7 key to confirm the new code.
5.6.6
Options
The Options menu sets the parameters of several CU features. Four Option sub-menus are
available (Figure 27). Press the corresponding number to enter the selected sub-menu.
Figure 27.
Option menus
Zones Autobalance
The Zone Automatic Balance sub-menu memorizes the zones balance values once the
installer has installed the balance resistors on the sensor lines. When using this system, a
resistor (Figure 6) without a predetermined value can be used to balance the line. Of
course, if a line balance control is not used, this resistor can be omitted. Once all the
resistors are installed, press the 1 key to store the all the balance resistor values in the CU.
Once the Zones Autobalance feature is enabled, any variation of the resistance triggers an
alarm condition and is processed by the CU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com