Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1557 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM1557
Description  The aim of this document is to give the design engineer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1557 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM1557 Datasheet HTML 5Page - STMicroelectronics UM1557 Datasheet HTML 6Page - STMicroelectronics UM1557 Datasheet HTML 7Page - STMicroelectronics UM1557 Datasheet HTML 8Page - STMicroelectronics UM1557 Datasheet HTML 9Page - STMicroelectronics UM1557 Datasheet HTML 10Page - STMicroelectronics UM1557 Datasheet HTML 11Page - STMicroelectronics UM1557 Datasheet HTML 12Page - STMicroelectronics UM1557 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 111 page
background image
UM1557
New features of 24 V drivers
Doc ID 023521 Rev 2
9/111
Figure 1.
Latch functionality – behavior in overload condition
Figure 2.
VND5T035AK – latch functionality check (output shorted to GND)
Channel latched-off
Channel latched-off
(Junction
Temperature)
(FR_Stby)
Overload threshold reached
Channel latched-off
GAPGMS00140
10mV/A
Input
CSense
FR_Stby
IOUT
Output permanently shorted to GND
Latched-off
Latched-off
VSENSEH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com