Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1557 Datasheet(PDF) 31 Page - STMicroelectronics

Part # UM1557
Description  The aim of this document is to give the design engineer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1557 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button UM1557 Datasheet HTML 27Page - STMicroelectronics UM1557 Datasheet HTML 28Page - STMicroelectronics UM1557 Datasheet HTML 29Page - STMicroelectronics UM1557 Datasheet HTML 30Page - STMicroelectronics UM1557 Datasheet HTML 31Page - STMicroelectronics UM1557 Datasheet HTML 32Page - STMicroelectronics UM1557 Datasheet HTML 33Page - STMicroelectronics UM1557 Datasheet HTML 34Page - STMicroelectronics UM1557 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 111 page
background image
UM1557
Analogue current sense
Doc ID 023521 Rev 2
31/111
Example for the chosen device:
Setting Iref1 = 2 A and Iref2 = 4 A according to Table 4 we get Vsense1 = 1.563 V and
Vsense2 = 3.115 V then
M=1.289 [S]
b= -0.014 [A]
Iout is then:
Iout = 1.289*Vsense - 0.014
(5)
After calibration, the current sense variation is still influenced by the device temperature.
Equation (5) is still affected by an error proportional to the sense current thermal drift.
This drift is reported in the datasheet as dK/K. The drift decreases when increasing the
output current.For example, in the VND5T035AK datasheet, the drift is +/-15 % at 2 A and it
decreases down to +/-5 % when the output current is 10 A.
3.5.4
Open load detection in off-state
●
Available if FR_Stby pin is set high
●
Indicated by VSENSEH on CS pin
●
External pull-up on the output needed
●
Possibility to distinguish between open load in off-state and short to VBAT using
switchable pull-up resistor.
Figure 24.
Analogue HSD–open load detection in off-state
Rgnd
4.7k
Dgnd
GND
R2
56k
GND
Rsense
R1
56k
R3
56k
GND
Vbat
GND
OUTPUT
GND
GND
+5V
GND
Vdd
GND
out
out
ADC in
U3
Microcontroller
C4
100nF
C2
1nF
C1
100nF
C3
10nF
R5
22k
Vbat
IN
Logic
OUT
CS
FR_Stby
GND
Vcc
U1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com