Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1557 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM1557
Description  The aim of this document is to give the design engineer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1557 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM1557 Datasheet HTML 19Page - STMicroelectronics UM1557 Datasheet HTML 20Page - STMicroelectronics UM1557 Datasheet HTML 21Page - STMicroelectronics UM1557 Datasheet HTML 22Page - STMicroelectronics UM1557 Datasheet HTML 23Page - STMicroelectronics UM1557 Datasheet HTML 24Page - STMicroelectronics UM1557 Datasheet HTML 25Page - STMicroelectronics UM1557 Datasheet HTML 26Page - STMicroelectronics UM1557 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 111 page
background image
UM1557
Analogue current sense
Doc ID 023521 Rev 2
23/111
datasheet by the parameter VSENSE “maximum analog sense output voltage” (5 V minimum
@ 8 V<Vcc <36 V; -40°C < Tj < 150 °C).
Example 1 – VSENSE saturation (8.5 V typ.):
VND5T035AK with RSENSE selected in order to have VSENSE=2 V @ Iout = 3 A
Considering (for sake of simplicity) K2 @ 3 A = 2870 (typical value)  ISENSE = ~1 mA
 R
SENSE = ~1.9 k
Assuming a typical VSENSE saturation of 8.5 V  maximum ISENSE = 4.5 mA to
maintain linearity
 maximum I
OUT = 12.8 A.
In other words, with the selected RSENSE any load current higher than 12.8 A produces
the same VSENSE (see Figure 17).
Figure 17.
VSENSE vs IOUT
On the other hand, care must be taken to prevent the P channel MOSFET M1 from
saturation, causing the ISENSE to again be disproportional with IOUT. This normally happens
when the maximum current that M1 is able to supply is reached (~14 mA).
This value is consistent with the current sense operating range and current limitation value.
Example 2 – ISENSE saturation (~14 mA):
VND5T035AK with RSENSE selected in order to have VSENSE=1.5 V @ Iout = 10 A
Considering (for sake of simplicity) K3 @ 10 A = 2895 (typical value) 
ISENSE =3.45 mA  RSENSE = 430 Ω
Assuming a typical ISENSE saturation of 14 mA and K to remain approx. 2895 for
IOUT > 10 A, the maximum load current which can be detected is
A
K
I
I
MAX
SENSE
OUT
5
.
40
_
≅
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com