Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1557 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM1557
Description  The aim of this document is to give the design engineer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1557 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM1557 Datasheet HTML 9Page - STMicroelectronics UM1557 Datasheet HTML 10Page - STMicroelectronics UM1557 Datasheet HTML 11Page - STMicroelectronics UM1557 Datasheet HTML 12Page - STMicroelectronics UM1557 Datasheet HTML 13Page - STMicroelectronics UM1557 Datasheet HTML 14Page - STMicroelectronics UM1557 Datasheet HTML 15Page - STMicroelectronics UM1557 Datasheet HTML 16Page - STMicroelectronics UM1557 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 111 page
background image
UM1557
General items
Doc ID 023521 Rev 2
13/111
Reverse battery protection using diode plus resistor
Figure 6.
Voltage levels during reverse battery using diode-resistor protection
A diode at the GND terminal prevents a short circuit through the internal substrate diode of
the HSD during a reverse battery condition.
A resistor (max. 4.7 k
Ω) connected in parallel to the diode is recommended (not mandatory)
in case the device drives a high inductance load with a demagnetization time longer than
tstby. The purpose of this resistor is to suppress a negative voltage on the GND pin during
standby mode if the demagnetization phase is still ongoing. Without this resistor, the low
supply current in standby mode (2 µA typically) allows the GND pin to be pulled negative by
the demagnetization voltage on the output (~ -40 V) via an internal pull-down resistor
(~120 k
Ω, not specified) on the output (see Figure 9, Figure 10). If the negative ground shift
exceeds the input high level threshold (VIH = 2,1 V min.), the device leaves standby mode
and tends to turn on. The GND pin is immediately pulled high (~600 mV) by the increased
supply current so that standby mode is activated again after tstby delay. As a result, we may
see short negative peaks on the GND pin with a period of tstby during the whole
demagnetization phase. These peaks are not long enough to activate the HSD output,
which means the device works safely even without the GND resistor. However, this resistor
is still recommended in order to suppress the described parasitic oscillations (if TDEMAG >
tstby).
This ground network can be safely shared amongst several different HSDs. The presence of
the ground network produces a shift (~ 600 mV) in the input threshold. This shift does not
vary if more than one HSD share the same diode/resistor. A diode at the GND terminal
allows the High-Side Driver to clamp positive ISO pulses above 64 V (the typical clamping
voltage of the HSD). Negative ISO pulses still pass GND and logic terminals. The diode
should withstand clamped ISO currents in case of positive ISO pulses and reverse voltages
in case of negative ISO pulses.
4.7k
GND
56k
56k
56k
Vdd
GND
out
out
in
Microcontroller
GND
GND
GND
-27V
-26.3V
-26.3V
-26.3V
-19.3V
-19.3V
0V
-0.7V
-0.7V
-0.7V
D
IN
Logic
OUT
CS
FR_Stby
GND
Vcc
+
_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com