Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1618 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM1618
Description  Standard software driver for C55 Flash
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1618 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM1618 Datasheet HTML 9Page - STMicroelectronics UM1618 Datasheet HTML 10Page - STMicroelectronics UM1618 Datasheet HTML 11Page - STMicroelectronics UM1618 Datasheet HTML 12Page - STMicroelectronics UM1618 Datasheet HTML 13Page - STMicroelectronics UM1618 Datasheet HTML 14Page - STMicroelectronics UM1618 Datasheet HTML 15Page - STMicroelectronics UM1618 Datasheet HTML 16Page - STMicroelectronics UM1618 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
DocID024371 Rev 3
13/51
UM1618
API specification
50
This function also clears PGM/ERS bit in MCR/MCRA register if any of them is set.
Assumptions
None.
2.7.2
FlashErase
Description
This function is to do erase operation for multi-blocks on single Flash module according to
user’s input arguments via main interface. The targeted Flash module status is checked in
advance to return relevant error code if any. This function only sets the high voltage without
waiting for the operation to be finished. Instead, user must call ‘FlashCheckStatus’ function
to confirm the successful completion of this operation.
Prototype
UINT32 FlashErase(PSSD_CONFIG pSSDConfig,
UINT8 eraseOption,
UINT32 lowBlockSelect,
UINT32 midBlockSelect,
UINT32 highBlockSelect,
NLARGEK_BLOCK_SEL nLargeBlockSelect);
Arguments
Table 10. Arguments for FlashErase
Argument
Description
Range
pSSDConfig
Pointer to the SSD
Configuration Structure.
The values in this structure are chip-dependent.
Please refer to Section 2.3 for more details.
eraseOption
The option is to select
user’s expected erase
operation.
The valid value can be:
C55_ERASE_MAIN (0x0)
C55_ERASE_MAIN_FERS (0x1)
C55_ERASE_UTEST (0x2)
C55_ERASE_UTEST_FERS (0x3)
lowBlockSelect
To select the array blocks
in low address space for
erasing.
Bit-mapped value such that the least significant
bit is at bit 0 of 16K block region (if available),
then 32K block region (if available) and lastly
64K block region (if available). Select the block
in the low address space to be erased by setting
1 to the appropriate bit of lowBlockSelect. If
there is not any block to be erased in the low
address space, lowBlockSelect must be set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com