Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1618 Datasheet(PDF) 41 Page - STMicroelectronics

Part # UM1618
Description  Standard software driver for C55 Flash
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1618 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button UM1618 Datasheet HTML 37Page - STMicroelectronics UM1618 Datasheet HTML 38Page - STMicroelectronics UM1618 Datasheet HTML 39Page - STMicroelectronics UM1618 Datasheet HTML 40Page - STMicroelectronics UM1618 Datasheet HTML 41Page - STMicroelectronics UM1618 Datasheet HTML 42Page - STMicroelectronics UM1618 Datasheet HTML 43Page - STMicroelectronics UM1618 Datasheet HTML 44Page - STMicroelectronics UM1618 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
DocID024371 Rev 3
41/51
UM1618
API specification
50
Comments
If user calls this function via alternate interface, a return code of C55_ERROR_ALTERNATE
is returned without doing any operation.
Following table defines and describes various suspend states and associated suspend
codes.
This function should be used together with ‘FlashArrayIntegrityResume’. If suspendState is
C55_UTEST_SUS, then ‘FlashArrayIntegrityResume’ should be called in order to resume
the operation.
Assumptions
It assumes that the Flash block is initialized using a ‘FlashInit’ API.
2.8.3
FlashArrayIntegrityResume
Description
This function checks if there is an on-going array integrity check of the Flash being
suspended and resume it via main interface.
Prototype
UINT32 FlashArrayIntegrityResume (PSSD_CONFIG pSSDConfig,
UINT8 *resumeState);
Arguments
Table 65. Suspend State Definitions
Argument
Code
Description
C55_SUS_NOTHING
10
There is no array integrity check/margin read
operation in-progress.
C55_USER_TEST_SUS
17
The user test operation is in suspended state.
Table 66. Arguments for FlashArrayIntegrityResume
Argument
Description
Range
pSSDConfig
Pointer to the SSD Configuration
Structure.
The values in this structure are chip-
dependent. Please refer to Section 2.3
for more details.
resumeState
Indicate the resume state on
user’s test mode after calling the
function.
All state values are enumerated in
Table 69.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com