Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1618 Datasheet(PDF) 39 Page - STMicroelectronics

Part # UM1618
Description  Standard software driver for C55 Flash
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1618 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button UM1618 Datasheet HTML 35Page - STMicroelectronics UM1618 Datasheet HTML 36Page - STMicroelectronics UM1618 Datasheet HTML 37Page - STMicroelectronics UM1618 Datasheet HTML 38Page - STMicroelectronics UM1618 Datasheet HTML 39Page - STMicroelectronics UM1618 Datasheet HTML 40Page - STMicroelectronics UM1618 Datasheet HTML 41Page - STMicroelectronics UM1618 Datasheet HTML 42Page - STMicroelectronics UM1618 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
DocID024371 Rev 3
39/51
UM1618
API specification
50
Return values
Troubleshooting
The trouble shooting given here comprises of hardware errors and input parameter error.
Comments
The inputs lowEnabledBlocks, midEnabledBlocks, highEnabledBlocks and
nLargeEnabledBlock are bit-mapped arguments that are used to select the blocks to be
evaluated in the Low/Mid/High/ Large block (128K/256K) address spaces of main array. The
selection of the blocks of the main array is determined by setting/clearing the corresponding
bit in lowEnabledBlocks, midEnabledBlocks, highEnabledBlocks or nLargeEnabledBlocks.
For diagrams of block bit-map definitions of lowEnabledBlocks, midEnabledBlocks,
highEnabledBlocks and nLargeEnabledBlock, refer to ‘FlashErase’ function for more
details.
In case user specifies a break option other than C55_BREAK_NONE, the function is
stopped immediately if any Double Bit Detection or Single Bit Correction occurs. It is
possible to resume the operation by calling ‘FlashArrayIntegrityResume’ or start a new array
integrity check.
Table 60. Return values for FlashArrayIntegrityCheck
Type
Description
Possible values
UINT32
Successful completion or error value.
C55_OK
C55_ERROR_ADDR_SEQ
C55_ERROR_NO_BLOCK
C55_ERROR_MISMATCH
C55_ERROR_ALTERNATE
Table 61. Troubleshooting for FlashArrayIntegrityCheck
Returned Error Bits
Possible causes
Solution
C55_ERROR_MISMATCH
The MISR values calculated
by the user are incorrect.
Re-calculate the MISR values using the
correct Data and address sequence.
The MISR values calculated
by the Hardware are
incorrect.
Hardware Error.
C55_ERROR_NO_BLOCK
None of the Blocks are
enabled for Array Integrity
Check
Enable any of the blocks using variables
lowEnabledBlocks, midEnabledBlocks,
highEnabledBlocks or
nLargeEnabledBlocks.
C55_ERROR_ADDR_SEQ
User provides invalid
address sequence input
argument.
The address sequence input argument
must be either proprietary
(C55_ADDR_SEQ_PROPRIETARY) or
sequential
(C55_ADDR_SEQ_LINEAR). Any other
value is unacceptable.
C55_ERROR_ALTERNATE
User calls this function via
alternate interface.
Alternate interface does not support this
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com