Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1618 Datasheet(PDF) 46 Page - STMicroelectronics

Part # UM1618
Description  Standard software driver for C55 Flash
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1618 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button UM1618 Datasheet HTML 42Page - STMicroelectronics UM1618 Datasheet HTML 43Page - STMicroelectronics UM1618 Datasheet HTML 44Page - STMicroelectronics UM1618 Datasheet HTML 45Page - STMicroelectronics UM1618 Datasheet HTML 46Page - STMicroelectronics UM1618 Datasheet HTML 47Page - STMicroelectronics UM1618 Datasheet HTML 48Page - STMicroelectronics UM1618 Datasheet HTML 49Page - STMicroelectronics UM1618 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 51 page
background image
Write/erase times
UM1618
46/51
DocID024371 Rev 3
Appendix B
Write/erase times
Note:
The timing values are measured on SPC57EM80xx device with 13.5MHz of system clock
and on VLE mode.
Note:
The timing values are measured on SPC574Kxx device with 80MHz of system clock and on
VLE mode.
Table 74. Write/erase times for SPC57EM80xx
Operation
Time (ms)
FlashProgram (PROGRAMMABLE_SIZE = 128)
0.128444444
ProgramVerify (NUM_WORDS_PROGRAM_VERIFY_CYCLE = 80)
0.282888889
CheckSum (NUM_WORDS_CHECK_SUM_CYCLE = 120)
0.282444444
FlashErase (one block)
0.031481481
BlankCheck (NUM_WORDS_BLANK_CHECK_CYCLE = 90)
0.314962963
Table 75. Write/erase times for SPC574Kxx
Operation
Time (ms)
FlashProgram (PROGRAMMABLE_SIZE = 128)
0.0192
ProgramVerify (NUM_WORDS_PROGRAM_VERIFY_CYCLE = 80)
0.038225
CheckSum (NUM_WORDS_CHECK_SUM_CYCLE = 120)
0.041325
FlashErase (one block)
0.00475
BlankCheck (NUM_WORDS_BLANK_CHECK_CYCLE = 90)
0.042525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com