Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10F202 Datasheet(PDF) 4 Page - Microchip Technology

Part # 10F202
Description  6-Pin, 8-Bit Flash Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

10F202 Datasheet(HTML) 4 Page - Microchip Technology

  10F202 Datasheet HTML 1Page - Microchip Technology 10F202 Datasheet HTML 2Page - Microchip Technology 10F202 Datasheet HTML 3Page - Microchip Technology 10F202 Datasheet HTML 4Page - Microchip Technology 10F202 Datasheet HTML 5Page - Microchip Technology 10F202 Datasheet HTML 6Page - Microchip Technology 10F202 Datasheet HTML 7Page - Microchip Technology 10F202 Datasheet HTML 8Page - Microchip Technology 10F202 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 88 page
background image
PIC10F200/202/204/206
DS40001239F-page 4
 2004-2014 Microchip Technology Inc.
1.0
GENERAL DESCRIPTION
The PIC10F200/202/204/206 devices from Microchip
Technology are low-cost, high-performance, 8-bit,
fully-static, Flash-based CMOS microcontrollers. They
employ a RISC architecture with only 33 single-word/
single-cycle instructions. All instructions are single
cycle (1
s) except for program branches, which take
two cycles. The PIC10F200/202/204/206 devices
deliver performance in an order of magnitude higher
than their competitors in the same price category. The
12-bit
wide
instructions
are
highly
symmetrical,
resulting in a typical 2:1 code compression over other
8-bit microcontrollers in its class. The easy-to-use and
easy to remember instruction set reduces development
time significantly.
The PIC10F200/202/204/206 products are equipped
with special features that reduce system cost and
power requirements. The Power-on Reset (POR) and
Device Reset Timer (DRT) eliminate the need for
external Reset circuitry. INTRC Internal Oscillator
mode is provided, thereby preserving the limited
number of I/O available. Power-Saving Sleep mode,
Watchdog Timer and code protection features improve
system cost, power and reliability.
The PIC10F200/202/204/206 devices are available in
cost-effective Flash, which is suitable for production in
any volume. The customer can take full advantage of
Microchip’s price leadership in Flash programmable
microcontrollers, while benefiting from the Flash
programmable flexibility.
The PIC10F200/202/204/206 products are supported
by a full-featured macro assembler, a software
simulator, an in-circuit debugger, a ‘C’ compiler, a
low-cost development programmer and a full featured
programmer. All the tools are supported on IBM® PC
and compatible machines.
1.1
Applications
The PIC10F200/202/204/206 devices fit in applications
ranging from personal care appliances and security
systems to low-power remote transmitters/receivers.
The Flash technology makes customizing application
programs
(transmitter
codes,
appliance
settings,
receiver
frequencies,
etc.)
extremely
fast
and
convenient. The small footprint packages, for through
hole or surface mounting, make these microcontrollers
well suited for applications with space limitations. Low
cost, low power, high performance, ease-of-use and I/O
flexibility make the PIC10F200/202/204/206 devices
very versatile even in areas where no microcontroller
use has been considered before (e.g., timer functions,
logic and PLDs in larger systems and coprocessor
applications).
TABLE 1-1:
PIC10F200/202/204/206 DEVICES
PIC10F200
PIC10F202
PIC10F204
PIC10F206
Clock
Maximum Frequency of Operation (MHz)
4
4
4
4
Memory
Flash Program Memory
256
512
256
512
Data Memory (bytes)
16
24
16
24
Peripherals
Timer Module(s)
TMR0
TMR0
TMR0
TMR0
Wake-up from Sleep on Pin Change
Yes
Yes
Yes
Yes
Comparators
0
0
1
1
Features
I/O Pins
3
3
3
3
Input-Only Pins
1
1
1
1
Internal Pull-ups
Yes
Yes
Yes
Yes
In-Circuit Serial Programming™
Yes
Yes
Yes
Yes
Number of Instructions
33
33
33
33
Packages
6-pin SOT-23
8-pin PDIP, DFN
6-pin SOT-23
8-pin PDIP, DFN
6-pin SOT-23
8-pin PDIP, DFN
6-pin SOT-23
8-pin PDIP, DFN
The PIC10F200/202/204/206 devices have Power-on Reset, selectable Watchdog Timer, selectable code-protect, high I/O current
capability and precision internal oscillator.
The PIC10F200/202/204/206 devices use serial programming with data pin GP0 and clock pin GP1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com