Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10F202 Datasheet(PDF) 13 Page - Microchip Technology

Part # 10F202
Description  6-Pin, 8-Bit Flash Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

10F202 Datasheet(HTML) 13 Page - Microchip Technology

Back Button 10F202 Datasheet HTML 9Page - Microchip Technology 10F202 Datasheet HTML 10Page - Microchip Technology 10F202 Datasheet HTML 11Page - Microchip Technology 10F202 Datasheet HTML 12Page - Microchip Technology 10F202 Datasheet HTML 13Page - Microchip Technology 10F202 Datasheet HTML 14Page - Microchip Technology 10F202 Datasheet HTML 15Page - Microchip Technology 10F202 Datasheet HTML 16Page - Microchip Technology 10F202 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 88 page
background image
 2004-2014 Microchip Technology Inc.
DS40001239F-page 13
PIC10F200/202/204/206
FIGURE 4-3:
PIC10F200/204 REGISTER
FILE MAP
FIGURE 4-4:
PIC10F202/206 REGISTER
FILE MAP
File Address
00h
01h
02h
03h
04h
05h
06h
07h
10h
INDF(1)
TMR0
PCL
STATUS
FSR
OSCCAL
GPIO
General
Purpose
Registers
Note 1:
Not a physical register. See Section 4.9
“Indirect Data Addressing: INDF and
FSR Registers”.
2:
PIC10F204 only. Unimplemented on the
PIC10F200 and reads as 00h.
3:
Unimplemented, read as 00h.
08h
CMCON0(2)
0Fh
1Fh
Unimplemented(3)
File Address
00h
01h
02h
03h
04h
05h
06h
07h
1Fh
INDF(1)
TMR0
PCL
STATUS
FSR
OSCCAL
GPIO
General
Purpose
Registers
Note 1:
Not a physical register. See Section 4.9
“Indirect Data Addressing: INDF and
FSR Registers”.
2:
PIC10F206 only. Unimplemented on the
PIC10F202 and reads as 00h.
08h
CMCON0(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com