Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10F202 Datasheet(PDF) 64 Page - Microchip Technology

Part # 10F202
Description  6-Pin, 8-Bit Flash Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

10F202 Datasheet(HTML) 64 Page - Microchip Technology

Back Button 10F202 Datasheet HTML 60Page - Microchip Technology 10F202 Datasheet HTML 61Page - Microchip Technology 10F202 Datasheet HTML 62Page - Microchip Technology 10F202 Datasheet HTML 63Page - Microchip Technology 10F202 Datasheet HTML 64Page - Microchip Technology 10F202 Datasheet HTML 65Page - Microchip Technology 10F202 Datasheet HTML 66Page - Microchip Technology 10F202 Datasheet HTML 67Page - Microchip Technology 10F202 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 88 page
background image
PIC10F200/202/204/206
DS40001239F-page 64
 2004-2014 Microchip Technology Inc.
FIGURE 12-3:
RESET, WATCHDOG TIMER AND DEVICE RESET TIMER TIMING –
PIC10F200/202/204/206
TABLE 12-3:
CALIBRATED INTERNAL RC FREQUENCIES – PIC10F200/202/204/206
AC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
-40
C  TA  +85C (industrial),
-40
C  TA  +125C (extended)
Operating Voltage VDD range is described in
Section 12.1 “DC Characteristics: PIC10F200/202/204/206
(Industrial)”
Param.
No.
Sym.
Characteristic
Freq.
Tolerance
Min. Typ.† Max. Units
Conditions
F10
FOSC Internal Calibrated
INTOSC Frequency(1,2)
1%
3.96
4.00
4.04
MHz
VDD=3.5V @ 25
C
2%
3.92
4.00
4.08
MHz
2.5V
VDD  5.5V
0
C  TA  +85C (industrial)
5%
3.80
4.00
4.20
MHz
2.0V
VDD  5.5V
-40
C  TA  +85C (industrial)
-40
C  TA  +125C (extended)
*
These parameters are characterized but not tested.
† Data in the Typical (“Typ.”) column is at 5V, 25
C unless otherwise stated. These parameters are for
design guidance only and are not tested.
Note 1:
To ensure these oscillator frequency tolerances, VDD and VSS must be capacitively decoupled as close to
the device as possible. 0.1
F and 0.01 F values in parallel are recommended.
2:
Under stable VDD conditions.
VDD
MCLR
Internal
POR
DRT
Timeout(2)
Internal
Reset
Watchdog
Timer
Reset
32
31
34
I/O pin(1)
32
32
34
30
Note
1:
I/O pins must be taken out of High-Impedance mode by enabling the output drivers in software.
2:
Runs on POR only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com