Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10F202 Datasheet(PDF) 1 Page - Microchip Technology

Part # 10F202
Description  6-Pin, 8-Bit Flash Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

10F202 Datasheet(HTML) 1 Page - Microchip Technology

  10F202 Datasheet HTML 1Page - Microchip Technology 10F202 Datasheet HTML 2Page - Microchip Technology 10F202 Datasheet HTML 3Page - Microchip Technology 10F202 Datasheet HTML 4Page - Microchip Technology 10F202 Datasheet HTML 5Page - Microchip Technology 10F202 Datasheet HTML 6Page - Microchip Technology 10F202 Datasheet HTML 7Page - Microchip Technology 10F202 Datasheet HTML 8Page - Microchip Technology 10F202 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
 2004-2014 Microchip Technology Inc.
DS40001239F-page 1
PIC10F200/202/204/206
Devices Included In This Data Sheet:
High-Performance RISC CPU:
• Only 33 Single-Word Instructions to Learn
• All Single-Cycle Instructions except for Program
Branches, which are Two-Cycle
• 12-Bit Wide Instructions
• 2-Level Deep Hardware Stack
• Direct, Indirect and Relative Addressing modes
for Data and Instructions
• 8-Bit Wide Data Path
• Eight Special Function Hardware Registers
• Operating Speed:
- 4 MHz internal clock
-1
s instruction cycle
Special Microcontroller Features:
• 4 MHz Precision Internal Oscillator:
- Factory calibrated to ±1%
• In-Circuit Serial Programming™ (ICSP™)
• In-Circuit Debugging (ICD) Support
• Power-on Reset (POR)
• Device Reset Timer (DRT)
• Watchdog Timer (WDT) with Dedicated On-Chip
RC Oscillator for Reliable Operation
• Programmable Code Protection
• Multiplexed MCLR Input Pin
• Internal Weak Pull-ups on I/O Pins
• Power-Saving Sleep mode
• Wake-up from Sleep on Pin Change
Low-Power Features/CMOS Technology:
• Operating Current:
- < 175
A @ 2V, 4 MHz, typical
• Standby Current:
- 100 nA @ 2V, typical
• Low-Power, High-Speed Flash Technology:
- 100,000 Flash endurance
- > 40 year retention
• Fully Static Design
• Wide Operating Voltage Range: 2.0V to 5.5V
• Wide Temperature Range:
- Industrial: -40
C to +85C
- Extended: -40
C to +125C
Peripheral Features (PIC10F200/202):
•Four I/O Pins:
- Three I/O pins with individual direction control
- One input-only pin
- High current sink/source for direct LED drive
- Wake-on-change
- Weak pull-ups
• 8-Bit Real-Time Clock/Counter (TMR0) with 8-Bit
Programmable Prescaler
Peripheral Features (PIC10F204/206):
•Four I/O Pins:
- Three I/O pins with individual direction control
- One input-only pin
- High current sink/source for direct LED drive
- Wake-on-change
- Weak pull-ups
• 8-Bit Real-Time Clock/Counter (TMR0) with 8-Bit
Programmable Prescaler
• One Comparator:
- Internal absolute voltage reference
- Both comparator inputs visible externally
- Comparator output visible externally
• PIC10F200
• PIC10F204
• PIC10F202
• PIC10F206
TABLE 1:
PIC10F20X MEMORY AND FEATURES
Device
Program Memory
Data Memory
I/O
Timers
8-bit
Comparator
Flash (words)
SRAM (bytes)
PIC10F200
256
16
4
1
0
PIC10F202
512
24
4
1
0
PIC10F204
256
16
4
1
1
PIC10F206
512
24
4
1
1
6-Pin, 8-Bit Flash Microcontrollers


Similar Part No. - 10F202

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
10F200 MICROCHIP-10F200 Datasheet
1Mb / 96P
6-Pin, 8-Bit Flash Microcontrollers
2007
logo
JILIN SINO-MICROELECTRO...
10F20HF3 JSMC-10F20HF3 Datasheet
602Kb / 5P
Fast Recover Diode
logo
Thinki Semiconductor Co...
10F20HF3 THINKISEMI-10F20HF3 Datasheet
270Kb / 2P
10.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
10F20HF3S THINKISEMI-10F20HF3S Datasheet
620Kb / 2P
10.0 Ampere Insulated Common Anode Super Fast Recovery Rectifiers
10F20HF3S THINKISEMI-10F20HF3S Datasheet
268Kb / 2P
10.0 Ampere Insulated Dual Common Anode Ultra Fast Recovery Rectifiers
More results

Similar Description - 10F202

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12F508 MICROCHIP-PIC12F508 Datasheet
1Mb / 98P
8/14-Pin, 8-Bit Flash Microcontrollers
2004
PIC10F200 MICROCHIP-PIC10F200 Datasheet
1Mb / 86P
6-Pin, 8-Bit Flash Microcontrollers
2005
PIC10F220 MICROCHIP-PIC10F220 Datasheet
1Mb / 78P
6-Pin, 8-Bit Flash Microcontrollers
2006
PIC12F508 MICROCHIP-PIC12F508_07 Datasheet
1Mb / 100P
8/14-Pin, 8-Bit Flash Microcontrollers
2007
PIC10F200 MICROCHIP-PIC10F200_07 Datasheet
1Mb / 96P
6-Pin, 8-Bit Flash Microcontrollers
2007
PIC12F519 MICROCHIP-PIC12F519_08 Datasheet
1Mb / 96P
8-Pin, 8-Bit Flash Microcontrollers
2008
PIC12LF1552 MICROCHIP-PIC12LF1552 Datasheet
4Mb / 260P
8-Pin Flash, 8-Bit Microcontrollers
2013
PIC12F1501 MICROCHIP-PIC12F1501 Datasheet
2Mb / 279P
8-Pin Flash, 8-Bit Microcontrollers
2011
PIC12F1501-I MICROCHIP-PIC12F1501-I Datasheet
3Mb / 278P
8-Pin Flash, 8-Bit Microcontrollers
08/02/11
PIC10LF320 MICROCHIP-PIC10LF320 Datasheet
1Mb / 193P
6/8-Pin Flash-Based, 8-Bit Microcontrollers
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com