Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2640 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2640
Description  Intelligent multipower digital ballast for fluorescent lamps
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2640 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2640 Datasheet HTML 17Page - STMicroelectronics AN2640 Datasheet HTML 18Page - STMicroelectronics AN2640 Datasheet HTML 19Page - STMicroelectronics AN2640 Datasheet HTML 20Page - STMicroelectronics AN2640 Datasheet HTML 21Page - STMicroelectronics AN2640 Datasheet HTML 22Page - STMicroelectronics AN2640 Datasheet HTML 23Page - STMicroelectronics AN2640 Datasheet HTML 24Page - STMicroelectronics AN2640 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
AN2640
L6382D5 - power management units for microcontrolled ballast
21/36
capacitor is supplied thanks to a patented structure that replaces an external diode
connected between this capacitor and VCC.
Pin 12: HSG. The same as pin 9 but is able to drive the half-bridge high side Power
MOSFET gate.
Pin 13: OUT. This pin is the high side floating ground and it is connected at the midpoint
of the half-bridge.
Pin 14: not connected
Pin 15: HVSU. This pin allows driver startup and two resistors of 10
Ω are connected at
the DC bus according to the Vref current requirement.
Pin 16: not connected
Pin 17: HEG (not used)
Pin 18: CSO. This pin is the output of the current sense comparator. During normal
operation this pin is forced low, but if the voltage on the CSI pin exceeds 0.55 V this pin
is high with 5 V logic level.
Pin 19: CSI. This is the input of the current sense comparator.The circuit that is
connected at this pin is shown in Figure 22. During the operating mode if overcurrent
occurs in the half-bridge, the voltage on the R28 resistor increases and when it
exceeds 0.55 V, the L6382 forces both half-bridge drivers low. This condition remains
until the input signals LGI and HGI are low simultaneously (dead time) or Vcc is below
the undervoltage lockout.
Figure 22.
Circuit connected at CSI pin
The capacitor C20 is used to filter the voltage on the CSI pin.
Pin 20: Vref. This pin provides a precise voltage reference of 5 V with a current
capability up to 30 mA. This voltage is used to supply the ST7 microcontroller which
avoids adding external components. To ensure voltage stability and prevent noise, a
220 nF capacitor is recommended between this pin and GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com