Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2640 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN2640
Description  Intelligent multipower digital ballast for fluorescent lamps
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2640 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN2640 Datasheet HTML 27Page - STMicroelectronics AN2640 Datasheet HTML 28Page - STMicroelectronics AN2640 Datasheet HTML 29Page - STMicroelectronics AN2640 Datasheet HTML 30Page - STMicroelectronics AN2640 Datasheet HTML 31Page - STMicroelectronics AN2640 Datasheet HTML 32Page - STMicroelectronics AN2640 Datasheet HTML 33Page - STMicroelectronics AN2640 Datasheet HTML 34Page - STMicroelectronics AN2640 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
AN2640
Board description
31/36
6.3.2
PF, THD and ballast efficiency
The power factor, total harmonic distortion of current and ballast efficiency are measured
and the results are shown in Table 4, 5, 6, and 7.
6.3.3
Electromagnetic compatibility
The EMC tests have been performed according to the EN55015 standard (Limits and
methods of measurement of radio disturbance characteristics of electrical lighting and
similar equipment).
The Agilent E7401A EMC Analyzer has been used as test equipment.
Table 4.
24 W lamp power
Mains
PF
THD
η%
185 V at 50 Hz
0.968
17.6
88.2
230 V at 50 Hz
0.949
20.0
89.3
265 V at 50 Hz
0.923
22.0
89.9
Table 5.
39 W lamp power
Mains
PF
THD
η%
185 V at 50 Hz
0.983
13.5
90.4
230 V at 50 Hz
0.970
15.7
90.6
265 V at 50 Hz
0.956
17.4
90.6
Table 6.
54 W lamp power
Mains
PF
THD
η%
185 V at 50 Hz
0.989
11.3
94.1
230 V at 50 Hz
0.982
13.0
94.4
265 V at 50 Hz
0.972
14.4
94.6
Table 7.
80 W lamp power
Mains
PF
THD
η%
185 V at 50 Hz
0.992
10.9
97.6
230 V at 50 Hz
0.988
11.1
98.0
265 V at 50 Hz
0.980
14.6
98.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com