Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2640 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2640
Description  Intelligent multipower digital ballast for fluorescent lamps
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2640 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2640 Datasheet HTML 18Page - STMicroelectronics AN2640 Datasheet HTML 19Page - STMicroelectronics AN2640 Datasheet HTML 20Page - STMicroelectronics AN2640 Datasheet HTML 21Page - STMicroelectronics AN2640 Datasheet HTML 22Page - STMicroelectronics AN2640 Datasheet HTML 23Page - STMicroelectronics AN2640 Datasheet HTML 24Page - STMicroelectronics AN2640 Datasheet HTML 25Page - STMicroelectronics AN2640 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Recognition technique
AN2640
22/36
5
Recognition technique
To identify the connected lamp, the power must be evaluated by measuring both the lamp
voltage and current.
In this way, by multiplying these measurements, it is possible to obtain the lamp power:
Equation 13
With the evaluation board based on STMicroelectronics' ST7FLIT19BF1 MCU and L6382D5
driver, the lamp power measurements can be easily calculated. Our proposal is based on a
patented method that evaluates the PFC TON. The PFC is a boost converter working in
transition mode (TM). In the transition mode operation the boost converter works with a fixed
switch conduction time, TON, and variable frequency.
To measure the lamp power the constant TON is evaluated and moreover the TON is
proportional at the load power as shown in the following relationship:
Equation 14
Where:
●
TON is the PFC switch conduction time
●
L is the PFC inductor value
●
Vinrms is the RMS AC input voltage
●
Po is the load power, that is, the lamp power
This technique provides a key advantage of obtaining the lamp power information by directly
reading the PFC conduction time without multiplier evaluations in the board.
When the mains is switched ON the microcontroller performs a measurement on the AC
input voltage. After this phase it starts the half-bridge. The PFC is activated during this initial
phase to distinguish the family type and a cathode resistance measurement is performed to
select the lamp type.
After this selection, the preheating phase is performed until the ignition phase turns the
lamp on.
After the ignition the connected lamp is recognized and starts the run phase.
Using the described technique it is simple to calculate the lamp power. Experimental results
have confirmed this data.
P
lamp
V
lamp
I
lamp
⋅
=
T
ON
2LP
o
⋅⋅
V
2
inr
----------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com