Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2640 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN2640
Description  Intelligent multipower digital ballast for fluorescent lamps
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2640 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2640 Datasheet HTML 24Page - STMicroelectronics AN2640 Datasheet HTML 25Page - STMicroelectronics AN2640 Datasheet HTML 26Page - STMicroelectronics AN2640 Datasheet HTML 27Page - STMicroelectronics AN2640 Datasheet HTML 28Page - STMicroelectronics AN2640 Datasheet HTML 29Page - STMicroelectronics AN2640 Datasheet HTML 30Page - STMicroelectronics AN2640 Datasheet HTML 31Page - STMicroelectronics AN2640 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
Board description
AN2640
28/36
6.3
Experimental results
6.3.1
From system switch on to ballast run
The identification tests have been performed using T5 tubes having 24, 39, 54 and 80 W
lamp power ratings. Tests have been performed across the entire European mains (185 V
÷
230 V / 50 Hz) input range.
Figure 26.
L6382 startup sequence and ballast start
The following results have been obtained with 230 V at 50 Hz as mains.
61
1
U1
ST7FLIT19BF1B
6
STMicroelectronics 8-bit MCU
62
1
U2
L6382D5
STMicroelectronics power
management unit for microcontrolled
ballast
Table 3.
BOM (continued)
Item Qty
Reference
Part / value
Voltage Watt
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com