Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4129 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4129
Description  STEVAL-ILL044V1: 9 W Triac dimmable, high power factor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4129 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4129 Datasheet HTML 9Page - STMicroelectronics AN4129 Datasheet HTML 10Page - STMicroelectronics AN4129 Datasheet HTML 11Page - STMicroelectronics AN4129 Datasheet HTML 12Page - STMicroelectronics AN4129 Datasheet HTML 13Page - STMicroelectronics AN4129 Datasheet HTML 14Page - STMicroelectronics AN4129 Datasheet HTML 15Page - STMicroelectronics AN4129 Datasheet HTML 16Page - STMicroelectronics AN4129 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
AN4129
Power converter performance
Doc ID 023314 Rev 1
13/39
3.4
Addition of diode clamp to limit input current
Since the peak FET current is directly controlled by the voltage on the ILED pin, a diode
clamp can be added to limit the voltage increase to reasonable levels. The graph below
shows the results for two diode types, a fast P-N diode having about 0.6 V forward drop, and
a Schottky diode having about 0.3 V forward drop, placed across the DC filter capacitor.
Figure 15.
Power loss vs. sinusoidal input voltage
The input current increase can now be limited to a reasonable value. There are two
consequences of this addition:
●
Line regulation is lost at low input voltages (the ILED pin cannot rise to regulate
current).
Figure 16.
Output current vs. input voltage
●
And THD is significantly improved at low input voltage:
Figure 17.
THD vs. input voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com