Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4129 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4129
Description  STEVAL-ILL044V1: 9 W Triac dimmable, high power factor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4129 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4129 Datasheet HTML 17Page - STMicroelectronics AN4129 Datasheet HTML 18Page - STMicroelectronics AN4129 Datasheet HTML 19Page - STMicroelectronics AN4129 Datasheet HTML 20Page - STMicroelectronics AN4129 Datasheet HTML 21Page - STMicroelectronics AN4129 Datasheet HTML 22Page - STMicroelectronics AN4129 Datasheet HTML 23Page - STMicroelectronics AN4129 Datasheet HTML 24Page - STMicroelectronics AN4129 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
AN4129
Circuit description and design guidance
Doc ID 023314 Rev 1
21/39
4.6.3
Reflected voltage
For PFC-flyback transition mode power converters on US 120 V lines the best reflected
voltage choice is 110 to 130 V. This range gives the best converter efficiency. Copper losses
can be spread between the primary and secondary windings about equally, and the FET's
turn-on losses discharging circuit capacitance are quite low.
A turns ratio of 2:1 primary : secondary was selected, placing reflected voltage at about 112
V at full undimmed output.
4.6.4
Primary inductance
Assuming the FET on-time takes up half the cycle time:
Equation 2
A value of 900 µH was selected because additional time is required for the resonant drain
voltage fall time of the transition mode converter.
4.6.5
Leakage inductance
This should be as low as possible - energy stored here does not contribute to LED power
and must be dissipated as heat. The transformer used has about 8 µH of leakage
inductance, as seen from the primary winding.
4.6.6
Auxiliary winding turns ratio
Operating voltage for the HVLED815PF depends on the LED voltage and this turns ratio.
The LED winding (secondary) voltage reflects to the flyback voltage on all windings. The
turns ratio from the secondary to the auxiliary winding determines the auxiliary voltage, both
for voltage regulation (open load protection) and for the Vcc power supply.
4.6.7
Final transformer specifications
Winding ratios, primary inductance, peak currents, and other specifications are shown in the
schematic. The vendor's specification sheet appears in Figure 42.
4.7
DMG pin (R6, R7)
This single pin performs several functions; voltage limiting, zero current detection, and
correction for line voltage changes. Its operation is discussed thoroughly in the datasheet
and is only summarized here. The internal circuit is also used in ST's HVLED805 and Altair
chips. The datasheets and application notes for these parts can give additional insight into
the pin operation.
Design begins with compensation for the internal comparator's propagation delay. At high
line voltage the slope of FET current vs. time is higher, so for the same comparator
reference voltage the current overshoots more than at low line. This is compensated by
adding an offset proportional to line voltage to the comparator's reference input. R6, in
conjunction with an internal resistor (RFF) of about 45
Ω, sets this compensation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com