Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4129 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4129
Description  STEVAL-ILL044V1: 9 W Triac dimmable, high power factor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4129 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4129 Datasheet HTML 1Page - STMicroelectronics AN4129 Datasheet HTML 2Page - STMicroelectronics AN4129 Datasheet HTML 3Page - STMicroelectronics AN4129 Datasheet HTML 4Page - STMicroelectronics AN4129 Datasheet HTML 5Page - STMicroelectronics AN4129 Datasheet HTML 6Page - STMicroelectronics AN4129 Datasheet HTML 7Page - STMicroelectronics AN4129 Datasheet HTML 8Page - STMicroelectronics AN4129 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
AN4129
Features
Doc ID 023314 Rev 1
5/39
1
Features
The demonstration board features are:
●
+/- 5% primary-side current regulation, no optocoupler
●
Fully isolated output
●
Low component count - 27 parts, including the EMI filter
●
Only 1 tight-tolerance component
●
High efficiency, >86%
●
High power factor >0.98
●
Low THD, <20% over 90 V to 132 V range
●
Fits in 28 mm tubing
●
9 W output, for light equal to 40-60 W incandescent
●
Startup within 0.2 seconds
●
Dimmable over 90 V to 132 V range.
Figure 2.
Physical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com