Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4129 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4129
Description  STEVAL-ILL044V1: 9 W Triac dimmable, high power factor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4129 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4129 Datasheet HTML 19Page - STMicroelectronics AN4129 Datasheet HTML 20Page - STMicroelectronics AN4129 Datasheet HTML 21Page - STMicroelectronics AN4129 Datasheet HTML 22Page - STMicroelectronics AN4129 Datasheet HTML 23Page - STMicroelectronics AN4129 Datasheet HTML 24Page - STMicroelectronics AN4129 Datasheet HTML 25Page - STMicroelectronics AN4129 Datasheet HTML 26Page - STMicroelectronics AN4129 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
AN4129
Circuit description and design guidance
Doc ID 023314 Rev 1
23/39
Equation 3
where n is the transformer turns ratio, VCLED is the internal reference, and RSENSE is the
current sensing resistor. Internally VCLED is 0.2 V.
This is the ideal situation. Actually, because the transformer is not the ideal transformer,
imperfect coupling makes the actual turn's ratio less than the designed value. Also the
voltage feed-forward compensation and demagnetizing time further reduces the actual LED
current from the calculated number. Typically, the reduction factor (coefficient K in Equation
4 below) is around 0.85~0.9. Therefore, the formula to determine the resistor is:
Equation 4
For this demonstration board, with turns ratio of 2 and a 1.00
Ω 1% current sensing resistor,
we get the LED current around 180 mA. For different designs, small modifications may be
needed, but once the final values are selected repeatability from unit to unit is excellent.
4.11
AC injection divider (R3, R4)
In the US, total harmonic distortion (current) must be kept below 20% of the 60 Hz
fundamental.
The input current is already distorted due to the use of a sinusoidal peak current envelope.
Input current harmonic distortion actually improves slightly when the line current goes to
zero for a short time around the voltage zero crossing. The distortion minimum only occurs
at one input voltage, increasing as the line voltage is moved away from that point. The
average of the injected AC waveform (not the RMS value) should be set approximately
equal to the DC level required to give the correct current to the LEDs. At nominal line the
average injected voltage is close to 0.95 V - the RMS voltage is 1.111 times the average, or
1.05 V, peak voltage about 1.45 V. Modifications may be necessary, but repeatability
between units is excellent once the values are selected.
There are two limits on the impedance of the network:
●
Loss in the divider (mostly the upper resistor), which affects efficiency
●
Impedance at the IREF pin should be much lower than that of the internal duty cycle
calculation circuitry.
An upper divider resistance of 270 k
Ω keeps resistive loss low.
Equation 5
The efficiency reduction for this loss is 0.053 W/9.8 W = 0.54%.
The impedance looking into the ILED pin of the HVLED815PF is approximately 1.5 V/
10 µA
≅ 150 kΩ. This varies with duty cycle - it is lower as the line voltage is increased.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com