Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4242 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4242
Description  New generation of 650 V SiC diodes
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4242 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4242 Datasheet HTML 9Page - STMicroelectronics AN4242 Datasheet HTML 10Page - STMicroelectronics AN4242 Datasheet HTML 11Page - STMicroelectronics AN4242 Datasheet HTML 12Page - STMicroelectronics AN4242 Datasheet HTML 13Page - STMicroelectronics AN4242 Datasheet HTML 14Page - STMicroelectronics AN4242 Datasheet HTML 15Page - STMicroelectronics AN4242 Datasheet HTML 16Page - STMicroelectronics AN4242 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
DocID024196 Rev 1
13/26
AN4242
New 650 V JBS SiC diodes
3
New 650 V JBS SiC diodes
3.1
Device structure
Figure 9. Comparison between a pure SiC Schottky structure with the
JBS SiC structure
The 2nd generation SiC device is based on JBS (junction barrier Schottky) concept. At high
forward voltage drops, this structure benefits from the injection of minority carriers by the PN
junctions inserted within the main Schottky contact. Thus in case of surges current,
modulation of resistivity induces a lower VF and a smaller increase of Tj. Moreover, the PN
grid supports the decrease the leakage current IR and to increase the breakdown voltage
Vbr of the device. So, thanks to this new design, the robustness of device is drastically
increased compared to standard Schottky diode.
3.2
Comparison between first and second generation of SiC
diodes
3.2.1
Forward voltage comparison
The forward voltage characteristics of the first and the second generation are compared in
Figure 10. The dotted line network corresponds to the linear characteristics of the pure SiC
Schottky diode. The positive thermal coefficient is evident. Those curves highlight the
difficulties in characterizing the pure SiC Schottky diode at high current with constant
junction temperature due to the overheating linked to the measurement. To limit this thermal
effect, the tests are made with a short duration pulse tp = 50 µs. The second generation of
SiC diodes also presents a linear characteristic up to a certain level of current. A clamping
effect linked to the JBS structure then appears at higher current. This effect happens when
Schottky barrier
Guard ring
4H - SiC epitaxy
N-type 4H - SiC epitaxy
4H - SiC substrate
N+ 4H - SiC substrate
Schematic cross section of conventional SiC Schottky diode (1st generation device)
Schematic cross section of a JBS SiC diode (2nd generation device)
Ohmic contact
on P+
Passivation
Top metal
Ohmic backside contact
Schottky barrier
P+
P+
Schottky
on N-type
Schottky
on P-type
PN junction
Metal
Schottky
area
N - epitaxy
N+ substrate
P area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com