Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4242 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4242
Description  New generation of 650 V SiC diodes
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4242 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4242 Datasheet HTML 18Page - STMicroelectronics AN4242 Datasheet HTML 19Page - STMicroelectronics AN4242 Datasheet HTML 20Page - STMicroelectronics AN4242 Datasheet HTML 21Page - STMicroelectronics AN4242 Datasheet HTML 22Page - STMicroelectronics AN4242 Datasheet HTML 23Page - STMicroelectronics AN4242 Datasheet HTML 24Page - STMicroelectronics AN4242 Datasheet HTML 25Page - STMicroelectronics AN4242 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
DocID024196 Rev 1
23/26
AN4242
Efficiency measurement
4.2
Example of efficiency measurements
Compared to the conventional ultrafast diode, using SiC diodes we can expect, an efficiency
gain of between 1% and 2%.
An example of efficiency measurements in a 480 W PFC at VIN = 115 V AC is presented in
Figure 20. The efficiency gain with the SiC diode compared to the conventional 600 V silicon
diodes reaches 1.2%.
Figure 20. Typical efficiency measurement in a 480 W PFC at VIN = 115 V,
Fsw = 100 kHz, dI/dt = 600 A/µs
New 8A 600V Tandem G2
New 6A 650V SiC G2
DCM mode
CCM mode
Tj
diode»50 °C
Tj
diode»120 °C
8 A, 600 V Turbo 2 diode
8 A, 600 V Tandem G1
6 A, 600 V SiC G1
Efficiency (%)
95
94
93
92
91
Load (%)
0
1020
30
40
5060
70
80
90
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com