Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4242 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4242
Description  New generation of 650 V SiC diodes
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4242 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4242 Datasheet HTML 17Page - STMicroelectronics AN4242 Datasheet HTML 18Page - STMicroelectronics AN4242 Datasheet HTML 19Page - STMicroelectronics AN4242 Datasheet HTML 20Page - STMicroelectronics AN4242 Datasheet HTML 21Page - STMicroelectronics AN4242 Datasheet HTML 22Page - STMicroelectronics AN4242 Datasheet HTML 23Page - STMicroelectronics AN4242 Datasheet HTML 24Page - STMicroelectronics AN4242 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
DocID024196 Rev 1
21/26
AN4242
Efficiency measurement
4
Efficiency measurement
Table 4 summarizes the key parameters for the 1st and 2nd generation of SiC diodes. If the
JBS structure improves the surge current capability, it degrades somewhat the values of
forward voltage drop at low current level.
In a typical PFC application, the efficiency will be affected by less than 0.1% between the
1st and 2nd generation.
A first approximation demonstrated by the following equations shows that the efficiency
difference in a PFC could be estimated by
V
F/VOUT.
Equation 26
with
Equation 27
and
Equation 28
then
Equation 29
with
Equation 30
Table 4. Comparison of key parameters between first generation and second
generation of SiC diodes
Product
VRRM (V)
IFSM, (A)
sinusoidal, 10 ms
VF (V) @ 6 A, 25 °C
typical / maximum
VF (V) @ 6 A, 150 °C
typical / maximum
6 A SiC, 1st gen
STPSC606D
600
27
1.4 / 1.7
1.6 / 2.1
6 A SiC, 2nd gen
STPSC6H065D
650
60
1.5 / TBD
1.9 / TBD
Pcond
Pout
V· Iav + R · I
t0
d
rms
2
V· I
out
out
=
I=
av
Vout
Pout
Ö
Vinpk · h
I=
rms
2
Pout
16 · Vinpk
3 ·
· V
p
out
·
Pcond
Pout
V
+ k · I
· R
t0
av
d
V· I
out
out
VF(k·Iav)
Vout
=
=
k =
V
· 16
out
3 · Vinpk
2
·
h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com