Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4242 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4242
Description  New generation of 650 V SiC diodes
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4242 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4242 Datasheet HTML 18Page - STMicroelectronics AN4242 Datasheet HTML 19Page - STMicroelectronics AN4242 Datasheet HTML 20Page - STMicroelectronics AN4242 Datasheet HTML 21Page - STMicroelectronics AN4242 Datasheet HTML 22Page - STMicroelectronics AN4242 Datasheet HTML 23Page - STMicroelectronics AN4242 Datasheet HTML 24Page - STMicroelectronics AN4242 Datasheet HTML 25Page - STMicroelectronics AN4242 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Efficiency measurement
AN4242
22/26
DocID024196 Rev 1
4.1
dI/dt optimization
The contribution of the SiC diode in the switching cell is essential. Its switching performance
leads to new optimizations that can help to go a step forward in increasing the efficiency. It is
well known that the MOSFET switching speed (dI/dt) is an important parameter to optimize
the efficiency. The dI/dt slope (when the transistor turns on and when the diode turns off)
can be easily changed by tuning the value of the gate resistor Rg of the transistor.
Figure 19 shows, the efficiency drop between SiC diodes and silicon diodes for different
dI/dt slopes. This efficiency drop is defined by the total power losses due to the diode
divided by POUT. The conduction power losses, the switch-off power losses in the diode and
the switch-on power losses in the transistor due to the Qrr of the silicon diodes are taken into
account.
Figure 19. Comparison of efficiency drop in a 500 W PFC with VIN = 90 V F = 100 kHz,
Tj = 125 °C
With silicon bipolar rectifiers, there is an optimized dI/dt slope to reduce the power losses.
When the slope increases, the switching time decreases but the reverse recovery current
increases. For low dI/dt values, the impact of the switching time dominates, and for higher
dI/dt the impact of Qrr may become more important. Hence, the switching power losses due
to the recovery charges (Qrr) decrease with the increase of dI/dt until a certain point from
which they start to increase again due to Qrr. For those silicon diodes, the slope choice must
also be made taking into account electromagnetic considerations (EMC) which sometimes
impose a limitation of that slope.
With SiC diodes, the power losses continue to decrease whenever dI/dt increases. Being
naturally soft (due to capacitive nature of the recovery current), they offer the possibility to
switch the transistor more quickly and thus increase the efficiency of the converter.
8A Tandem G2
8A Tandem G1
8A Ultrafast diode
6A SiC G1
6A SiC G2
Efficiency (%)
dI/dt (A/µs)
0
100
200
300
400
500
600
700
800
900
1000
1100
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com